Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 7 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 7 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 11Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
5
12/1/2004
V1.6
VI. Pin Descriptions
PIN
I/O
DESCRIPTION
POWER
AVDD
POWER
Power
AVSS
POWER
Ground
CLOCK
XIN
I
Input pin for 32.768 kHz oscillator
XOUT
O
Output pin for 32.768 kHz oscillator
PLLC
I
Phase loop lock capacitor, connect a capacitor 0.047u to 0.1u to the ground.
10-bit 4 channel A/D
VREF
I (P66)
ADC reference input. Shared with PORT66
AD3
I (P62)
ADC input channel 3. Shared with PORT62
AD4
I (P63)
ADC input channel 4. Shared with PORT63
AD5
I(P64)
ADC input channel 5. Shared with PORT64
AD6
I(P65)
ADC input channel 6. Shared with PORT65
SPI
SCK
IO (PORT76)
Master: output pin, Slave: input pin.
This pin shared with PORT76.
SDO
O (PORT75)
Output pin for serial data transferring. This pin shared with PORT75.
SDI
I (PORT74)
Input pin for receiving data. This pin shared with PORT74.
PWM
PWM1
O
Pulse width modulation output channel 1
This pin shared with PORTC1
PWM2
O
Pulse width modulation output channel 2
This pin shared with PORTC2
IO
P62 ~P67
I/O
PORT6 can be INPUT or OUTPUT port each bit.
P70 ; P73~P76
I/O
PORT7 can be INPUT or OUTPUT port each bit.
P90 ~ P97
I/O
PORT9 can be INPUT or OUTPUT port each bit.
PC1 ~ PC2
I/O
PORTC can be INPUT or OUTPUT port each bit.
INT0
PORT70
Interrupt sources. Once PORT70 has a falling edge or rising edge signal
(controlled by CONT register), it will generate a interruption.
INT3
PORT73
Interrupt sources which has the same interrupt flag. Any pin from PORT73
has a falling edge signal, it will generate a interruption.
/RESET
I
Low reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com