Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 4 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 4 Page - ELAN Microelectronics Corp

  EM78P5830AM Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
2
12/1/2004
V1.6
I. General Description
The EM785830AA is an 8-bit RISC type microprocessor with low power, high speed CMOS technology. There
are 16Kx13 bits ROM within it.
This integrated single chip has an on_chip watchdog timer (WDT, data RAM, programmable real time
clock/counter, internal interrupt, power down mode, 4-channel 10-bit A/D converter, two channel PWM output, SPI and
tri-state I/O.
II. Feature
CPU
· Operating voltage : 2.2V~5.5V at main CLK less then 3.58MHz.
Main CLK(Hz)
Under 3.58M
7.16M
10.74M
14.3M
Operating Voltage(min)
2.2
2.5
3
3.6
•16k x 13 on chip Program Memory
•0.5k x 8 on chip data RAM
•Up to 21 bi-directional tri-state I/O ports(4 shared with AD input; 1 shared with external interrupt input )
•12 level stack for subroutine nesting
•8-bit real time clock/counter (TCC)
•Two 8-bit counters : COUNTER1 and COUNTER2
•On-chip watchdog timer (WDT)
•99.9% single instruction cycle commands
•Four modes (Main clock can be programmed from 447.829k to 14.3MHz generated by internal PLL)
Mode
CPU status
Main clock
32.768kHz clock status
Sleep mode
Turn off
Turn off
Turn off
Green mode
Turn on
Turn off
Turn on
Normal mode
Turn on
Turn on
Turn on
•7 level Normal mode frequency : 447.8K , 895.7K , 1.79M , 3.58M , 7.16M , 10.75M and 14.3MHz.
•Input port interrupt function
•Dual clocks operation (Internal PLL main clock , External 32.768KHz)
SPI
•Serial Peripheral Interface (SPI) : a kind of serial I/O interface
•Interrupt flag available for the read buffer full or transmitter buffer empty.
•Programmable baud rates of communication
•Three-wire synchronous communication. (shared with IO)
PWM
•Dual PWM (Pulse Width Modulation) with 10-bit resolution
•Programmable period (or baud rate)
•Programmable duty cycle
ADC
· Operating : 2.5V∼5.5V
· 4 channel 10-bit successive approximation A/D converter
· Internal (VDD) or external reference
POR
· Power-on voltage detector reset
PACKAGE
EM78P5830AM, EM78P5830AAM, EM785830AAM
28 pin SOP
EM78P5830AP, EM78P5830AAP, EM785830AAP
28 pin PDIP
III. Application
General products



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com