Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 3 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 3 Page - ELAN Microelectronics Corp

  EM78P5830AM Datasheet HTML 1Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 2Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 3Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 4Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 5Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 6Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 9Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
1
12/1/2004
V1.6
RD
0
5~6
X
0
Un-expect error
RE
0
0~3
0
Un-expect error
IOC5
0
5~7
1
0
Power consumption increase
IOC6
0
0~1
1
0
Power consumption increase
IOC6
1
0~1
0
0
Power consumption increase
IOC7
0
1~2;7
1
0
Power consumption increase
IOC7
1
1~2;7
0
0
Power consumption increase
IOC8
0
0~7
1
0
Power consumption increase
IOC8
1
0~7
0
0
Power consumption increase
IOC9
1
0~7
0
0
Un-expect error
IOCA
1
3,6
0
0
Power consumption increase
IOCB
0
0~7
1
0
Power consumption increase
IOCC
0
0;3~7
1
0
Power consumption increase
IOCC
1
2~7
0
0
Un-expect error
IOCE
0
0~3
0
0
Un-expect error
IOCF
0
4~6
0
0
Un-expect error
2. You will see some names for the register bits definitions. Some name will be appear very
frequently in the whole spec. The following describes the meaning for the register’s definitions
such as bit type, bit name, bit number and so on.
765
43
2
1
0
RAB7
RAB6
BAB5
RAB4
RAB2
RAB0
R/W-0
R/W-0
R-1
R/W-1
R
R/W
Bit type
Bit name
Bit number
read/write
(default value=0)
read/write
(default value=1)
read only
(w/o default value)
read/write
(w/o default value)
PAGE0
RA
Register name and its page
X
RAB1
(undefined) not allowed to use
R-0
read only
(default value=0)
read only
(default value=1)
3. Always set IOCC PAGE1 bit 0 = 1 otherwise partial ADC function cannot be used.
4. Please do not switch MCU operation mode from normal mode to sleep mode directly. Before
into sleep mode, please switch MCU to green mode.
5. While switching main clock (regardless of high freq to low freq or on the other hand), adding 6
instructions delay (NOP) is required.
6. Offset voltage will effect ADC’s result, please refer to figure 16 to detail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com