Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 11 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 11 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 7Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 8Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 9Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 10Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 11Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 12Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 13Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 14Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 15Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
9
12/1/2004
V1.6
R4 (RAM selection for common registers R20 ~ R3F))
(RAM selection register)
7
6
5
4
3
2
1
0
RB1
RB0
RSR5
RSR4
RSR3
RSR2
RSR1
RSR0
R/W-0
R/W-0
R/W
R/W
R/W
R/W
R/W
R/W
Bit 0 ~ Bit 5 (RSR0 ~ RSR5) : Indirect addressing for common registers R20 ~ R3F
RSR bits are used to select up to 32 registers (R20 to R3F) in the indirect addressing mode.
Bit 6 ~ Bit 7 (RB0 ~ RB1) : Bank selection bits for common registers R20 ~ R3F
These selection bits are used to determine which bank is activated among the 4 banks for 32 register (R20 to
R3F).
Please refer to VII.1 Operational registers for details.
R5 (PORT5 I/O data, Program page selection, SPI control , PWM control)
PAGE0 (PORT5 I/O data register, Program page register)
7
6
5
4
3
2
1
0
-
-
-
-
PS3
PS2
PS1
PS0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 3 (PS0 ~ PS3): Program page selection bits
PS3
PS2
PS1
PS0
Program memory page (Address)
0
0
0
0
Page 0
0
0
0
1
Page 1
0
0
1
0
Page 2
0
0
1
1
Page 3
:
:
:
:
:
:
:
:
:
:
1
1
1
0
Page 14
1
1
1
1
Page 15
User can use PAGE instruction to change page to maintain program page by user.
Bit 4: (undefined) not allowed to use. This bit must clear to 0 or some unpredicted wrong will occur.
Bit 5 ~ Bit 7: (undefined) not allowed to use. These bits are not sure be 0 or 1.
PAGE2 (SPI control)
7
6
5
4
3
2
1
0
RBF
SPIE
SRO
SE
SCES
SBR2
SBR1
SBR0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
Bit 0 ~ Bit 2 (SBR0 ~ SBR2) : SPI baud rate selection bits
SBR2
SBR1
SBR0
Mode
Baud rate
0
0
0
Master
Fsco
0
0
1
Master
Fsco/2
0
1
0
Master
Fsco/4
0
1
1
Master
Fsco/8
1
0
0
Master
Fsco/16
1
0
1
Master
Fsco/32
1
1
0
Slave
1
1
1
Master
16.384k
<Note> Fsco = CPU instruction clock
For example :
If PLL is enabled and main clock is selected to 3.5826MHz, the instruction clock is 3.5826MHz/2
Fsco=3.5862MHz/2
If PLL is enabled and main clock is selected to 3.5826MHz, the instruction clock is 0.895MHz/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com