Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 36 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 36 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 39Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 40Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
34
12/1/2004
V1.6
VIII. Absolute Operation Maximum Ratings
RATING
SYMBOL
VALUE
UNIT
DC SUPPLY VOLTAGE
VDD
-0.3 To 6
V
INPUT VOLTAGE
Vin
-0.5 to VDD +0.5
V
OPERATING TEMPERATURE RANGE
Ta
0 to 70
℃
IX. DC Electrical Characteristic
(Ta = 25
°C, AVDD=VDD=5V±5%, VSS=0V)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Input leakage current for
input pins
IIL1
VIN = VDD, VSS
±1
µA
Input leakage current for bi-
directional pins
IIL2
VIN = VDD, VSS
±1
µA
Input high voltage
VIH
2.5
V
Input low voltage
VIL
0.8
V
Input high threshold voltage
VIHT
/RESET, TCC
2.0
V
Input low threshold voltage
VILT
/RESET, TCC
0.8
V
Clock input high voltage
VIHX
OSCI
3.5
V
Clock input low voltage
VILX
OSCI
1.5
V
Output high voltage for
PORTC1~PORTC2
VOH1
IOH = -6mA
2.4
V
Output high voltage for
PORT62~PORT67; PORT7
VOH2
IOH = -10mA
2.4
V
Output high voltage for
PORT9
VOH3
IOH = -20mA
2.4
V
Output low voltage for
PORTC1~PORTC2
VOL1
IOH = 6mA
0.4
V
Output low voltage for
PORT62~PORT67; PORT7
VOL2
IOH = 10mA
0.4
V
Output low voltage for
PORT9
VOL3
IOH = 20mA
0.4
V
Pull-high current
IPH
Pull-high active input pin at
VSS
-10
-15
µA
Power down current
(SLEEP mode)
ISB1
All input and I/O pin at VDD,
output pin floating, WDT
disabled
4
8
µA
ISB2
CLK=32.768KHz, All analog
circuits disabled, All input
and I/O pin at VDD, output
pin floating, WDT disabled
Low clock current
(GREEN mode)
pin floating, WDT disabled
35
50
µA
Operating supply current
(Normal mode)
ICC1
/RESET=High,
CLK=3.582MHz, All analog
circuits disabled, output pin
floating
1
2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com