Electronic Components Datasheet Search
  English  ▼

X  

EM78P5830AM Datasheet(PDF) 35 Page - ELAN Microelectronics Corp

Part # EM78P5830AM
Description  8-BIT MICRO-CONTROLLER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMC [ELAN Microelectronics Corp]
Direct Link  http://www.emc.com.tw
Logo EMC - ELAN Microelectronics Corp

EM78P5830AM Datasheet(HTML) 35 Page - ELAN Microelectronics Corp

Back Button EM78P5830AM Datasheet HTML 31Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 32Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 33Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 34Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 35Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 36Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 37Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 38Page - ELAN Microelectronics Corp EM78P5830AM Datasheet HTML 39Page - ELAN Microelectronics Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
EM785830AA
8-bit Micro-controller
__________________________________________________________________________________________________________________________________________________________________
* This specification is subject to be changed without notice.
33
12/1/2004
V1.6
Data Bus
Data Bus
PRD1
Comparator
TMR1X
MUX
Period
Match
T1P0
T1P1 T1EN
PRD2
Comparator
TMR2X
MUX
Period
Match
T2P0 T2P1 T2EN
To PWM1IF
To PWM2IF
reset
reset
1:2
1:8
1:32
Fosc
1:64
1:2
1:8
1:32
Fosc
1:64
*TMR1X = TMR1H + TMR1L;
*TMR2X = TMR2H +TMR2L
Fig.14 TMRX Block Diagram
• Fosc: Input clock.
• Prescaler ( T1P0 and T1P1/T2P1 and T2P0 ): Options of 1:2, 1:8, 1:32, and 1:64 are defined by TMRX. It is
cleared when any type of reset occurs.
• TMR1X and TMR2X (TMR1H/TWR1L and TMR2H/TMR2L ):Timer X register; TMRX is increased until
it matches with PRDX, and then is reset to 0. TMRX cannot be read.
• PRDX ( PRD1 and PRD2 ): PWM period register.
When defining TMRX, refer to the related registers of its operation as shown in prescale register. It must be
noted that the PWMX bits must be disabled if their related TMRXs are employed. That is, bit 7 and bit 6 of
the PWMCON register must be set to ‘0’.
Related Control Registers(R5 PAGE3) of TMR1 and TMR2
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
PWM2E
PWM1E
T2EN
T1EN
T2P1
T2P0
T1P1
T1P0
Timer programming procedures/steps
(1) Load PRDX with the TIMER period.
(2) Enable interrupt function by writing IOCF PAGE0, if required
(3) Load a desired value to PWMCON with the TMRX prescaler value and enable both TMRX and disable
PWMX.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com