Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 30Page - Microchip Technology MCP18480 Datasheet HTML 31Page - Microchip Technology MCP18480 Datasheet HTML 32Page - Microchip Technology MCP18480 Datasheet HTML 33Page - Microchip Technology MCP18480 Datasheet HTML 34Page - Microchip Technology MCP18480 Datasheet HTML 35Page - Microchip Technology MCP18480 Datasheet HTML 36Page - Microchip Technology MCP18480 Datasheet HTML 37Page - Microchip Technology MCP18480 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 64 page
background image
MCP18480
DS20091B-page 34
 2003 Microchip Technology Inc.
VREFOUT
6
O
A
Reference output.
Internal reference output voltage (typically 2.5V). Usually tied back to
the VREFIN pin unless an external high-precision reference voltage is
desired.
VREFIN
7
I
A
Reference input.
This pin allows a high-precision reference voltage for the following
functions:
• Undervoltage Comparator
• Overvoltage Comparator
• DRAIN Comparator
• Current Limit Timer
If the precision of the VREFOUT output voltage is acceptable, tie the
VREFOUT pin to the VREFIN pin.
CL
8
I
A
Current Limit.
Input used to set the maximum current limit threshold allowed by the
system via a resistor divider network (with the resistor RCL1 between
the VREFIN pin and the CL pin and resistor RCL between the VNEG pin
and the CL pin). If the voltage across the sense resistor exceeds the
voltage on the CL pin, it implies that there is excessive current over the
allowed limit and forces the GATE pin to the VNEG pin voltage level
without delay.
ISET
9
I
A
Current source set.
Establishes the internal ISOURCE for the following:
• Undervoltage Delay
• Current Limit Timer
• GATE Pin Source Current
An external resistor RISET from the ISET pin must be connected to
either the VNEG pin or the VREFIN pin to set IBIAS, which will then estab-
lish the current sources throughout the device. The IBIAS current is the
same for either connection.
Connecting the RISET resistor to the VNEG pin will establish the
PWRGOOD pin output polarity to be active-high. Connecting the RISET
resistor to the VREFIN pin will establish the PWRGOOD pin output
polarity to be active-low.
TABLE 3-1:
MCP18480 PIN DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Direction
Buffer
Type
Description
SSOP
Legend: TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS-compatible input
A = Analog
D = Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com