Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 38 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 38 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 34Page - Microchip Technology MCP18480 Datasheet HTML 35Page - Microchip Technology MCP18480 Datasheet HTML 36Page - Microchip Technology MCP18480 Datasheet HTML 37Page - Microchip Technology MCP18480 Datasheet HTML 38Page - Microchip Technology MCP18480 Datasheet HTML 39Page - Microchip Technology MCP18480 Datasheet HTML 40Page - Microchip Technology MCP18480 Datasheet HTML 41Page - Microchip Technology MCP18480 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 64 page
background image
MCP18480
DS20091B-page 38
 2003 Microchip Technology Inc.
RESTART
20
I
TTL
Auto-restart enable.
Enables the auto-restart feature of the device after an over-current
fault.
L = The internal fault latch is reset and the device attempts to restart
with a frequency determined by the values of the external components
CTIMER and RDISCH.
H = The auto-restart is disabled, allowing the GATE pin to remain at
the VNEG pin voltage after an over-current fault. Internally pulled down
to the VNEG pin voltage.
TABLE 3-1:
MCP18480 PIN DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Direction
Buffer
Type
Description
SSOP
Legend: TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS-compatible input
A = Analog
D = Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com