Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 2Page - Microchip Technology MCP18480 Datasheet HTML 3Page - Microchip Technology MCP18480 Datasheet HTML 4Page - Microchip Technology MCP18480 Datasheet HTML 5Page - Microchip Technology MCP18480 Datasheet HTML 6Page - Microchip Technology MCP18480 Datasheet HTML 7Page - Microchip Technology MCP18480 Datasheet HTML 8Page - Microchip Technology MCP18480 Datasheet HTML 9Page - Microchip Technology MCP18480 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
MCP18480
DS20091B-page 6
 2003 Microchip Technology Inc.
1.1
Timing Parameter Symbology and Load Conditions
The timing parameter symbols have been created using one of the following formats:
1.1.1
TIMING CONDITIONS
The temperature and voltages specified in Table 1-2 apply to all timing specifications, unless otherwise noted.
Figure 1-1 specifies the load conditions for the timing specifications.
TABLE 1-1:
SYMBOLOGY
TABLE 1-2:
AC TEMPERATURE AND VOLTAGE SPECIFICATIONS
1. TppS2ppS
2. TppS
T
F
Frequency
T
Time
EError
Lowercase letters (pp) indicate the device pin.
Uppercase letters and their meanings:
S
F
Fall
P
Period
FR
Fast Ramp
R
Rise
H
High
V
Valid
I
Invalid (Hi-impedance)
Z
Hi-impedance
L
Low
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Operating temperature: –40
°C ≤ TA ≤ +85°C (industrial)
Operating voltage VDD range as described in DC spec Section 1.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com