Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 43 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 43 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 39Page - Microchip Technology MCP18480 Datasheet HTML 40Page - Microchip Technology MCP18480 Datasheet HTML 41Page - Microchip Technology MCP18480 Datasheet HTML 42Page - Microchip Technology MCP18480 Datasheet HTML 43Page - Microchip Technology MCP18480 Datasheet HTML 44Page - Microchip Technology MCP18480 Datasheet HTML 45Page - Microchip Technology MCP18480 Datasheet HTML 46Page - Microchip Technology MCP18480 Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 43
MCP18480
5.0
POWER-UP
5.1
VPOS and VNEG Connection
For proper system operation, it is required that the sys-
tem ground and the VNEG pin have a solid connection
before voltages are applied to any logic on the board.
5.2
The Board Circuitry
After the MCP18480 has “good” voltages on the VPOS
and VNEG pins, the board may have voltages applied to
any of the other signals (a “good” voltage on VPOS indi-
cates a “good” voltage on the system ground). The
MCP18480 will start to source a small current to the
external MOSFET to begin powering the board. This
will turn on the MOSFET starting to power the external
circuitry (load) of the board. The current from the GATE
pin (into the external MOSFET) increases as the VDS of
the MOSFET decreases. When the VDS of the MOS-
FET is below the voltage determined by the two resis-
tors on the DRAINTH pin (RDRAIN1 and RDRAIN2), and
the voltage on the GATE pin is greater than 8V, the
PWRGOOD pin is active.
6.0
INTERNAL SIGNAL
DESCRIPTIONS
The figure on page 2 illustrates a block diagram of the
MCP18480. Between the functional blocks, there are
some signals that have been named. These signals are
briefly explained in Section 6.1 thru Section 6.7.
6.1
Undervoltage Active
A signal that indicates (when low) that System Ground
- VNEG is less then the minimum voltage.
6.2
Overvoltage Active
A signal that indicates (when low) that System Ground
-VNEG is greater then the maximum voltage.
6.3
LATCHOFF
A signal that controls the GATE pin due to a timeout of
the current-limiting timer.
6.4
Current Limit TIMER
A signal that controls the reduction of source current on
the GATE pin and starts the voltage ramp of the current
limit timer.
6.5
Current Limit Feedback
A voltage that is proportional to the VDS of the external
MOSFET to set a trip point for current-limiting.
6.6
TIMEOUT
A signal that indicates the completion of the foldback
time and is used to start the latchoff time.
6.7
Circuit Breaker
A signal that immediately causes the GATE pin output
to be driven to VNEG upon the detection of excessive
current in the external FET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com