Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 44 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 44 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 40Page - Microchip Technology MCP18480 Datasheet HTML 41Page - Microchip Technology MCP18480 Datasheet HTML 42Page - Microchip Technology MCP18480 Datasheet HTML 43Page - Microchip Technology MCP18480 Datasheet HTML 44Page - Microchip Technology MCP18480 Datasheet HTML 45Page - Microchip Technology MCP18480 Datasheet HTML 46Page - Microchip Technology MCP18480 Datasheet HTML 47Page - Microchip Technology MCP18480 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
MCP18480
DS20091B-page 44
 2003 Microchip Technology Inc.
6.8
DESCRIPTION OF INTERNAL
BLOCKS
The internal blocks shown in the MCP18480 Block Dia-
gram on page 2 are discussed in Section 6.8.1 through
Section 6.8.8.
6.8.1
UV (UNDERVOLTAGE) BLOCK
The Undervoltage lockout circuit monitors the input
voltage by comparing a centertap voltage on an exter-
nal resistor divider to a 2.5V reference. The centertap
voltage is fed into the UVTH input pin.
If the voltage on the UVTH pin is below the internal 2.5V
reference, the absolute magnitude of the supply volt-
age is too low for proper system operation, resulting in
the external MOSFET being turned off. If the voltage on
the UVTH pin is greater than VNEG + 2.5V, the supply
voltage is above the minimal operating voltage as set
by the external resistor divider network.
In telecom network applications, it is common to shut
down the DC/DC converter supply when the input volt-
age falls below -38.5V (tolerance of ±1.0V) for greater
than 100 ms. The system will not restart until the volt-
age exceeds -43.0V (tolerance of ±0.5V). This voltage
difference is produced by an open-drain NMOS output
(the UVHYS pin) that connects an external resistor in
parallel with the lower of the two resistors in the exter-
nal UV divider network until the supply ramps down to
-43V. When the UVTH pin exceeds VNEG + 2.5V, the
internal NMOS transistor is turned off, disconnecting
the external resistor connected to the UVHYS pin. The
voltage at the UVTH pin increases to 2.79V. The supply
voltage would have to decrease to -38.5V in order to
assert the internal “Undervoltage Active” signal.
An internal 10 µA current source and an external
capacitor connected to the UVD pin adjusts the delay
between the input fault and the notification of this fault
to the system. This is usually 100 ms for -48V telecom-
type equipment. For customized adjustments, the time
delay can be expressed as Equation 6-1.
EQUATION 6-1:
INPUT FAULT DELAY
CUV is the capacitor connected between the UVD pin
and the VNEG pin. A value of 1 µF would provide a
delay of about 100 ms.
If the supply voltage dips below the programmed
threshold, the input comparator trips the other way. The
timing capacitor is released to ramp-up at the previ-
ously described rate and the Undervoltage block
switches when the capacitor voltage reaches 1.25V.
When the input comparator goes to a low level, the hys-
teresis FET is turned on and the trip point for
reassertion of good VNEG reverts to -43V.
While the Undervoltage Active signal is low (includes
Undervoltage input filter), the GATE pin driver for the
external MOSFET is disabled, the GATE pin is pulled to
the voltage of the VNEG pin with a 60 mA current sink
and the PWRGOOD output pin is deasserted to indi-
cate that the input voltage is out of range.
EQUATION 6-2:
UNDERVOLTAGE
HYSTERESIS
EQUATION 6-3:
UNDERVOLTAGE
CONDITION
Note:
Voltage levels discussed are with respect
to external component values selected in
Figure 4-1.
TDELAY
VREFIN
2
------------------

 C
UVD
•
10
µA
--------------------------------------------
=
RUVHYS
RUV1
VUVD
VREFIN
------------------

 RUV1
RUV2
------------- 1
–
–
----------------------------------------------------
=
RUVHYS
RUV1
VUVD
VREFIN
------------------

 RUV1
RUV2
------------- 1
–
–
----------------------------------------------------
=
VREFIN
VNEG RUV2
•
RUV1 RUV2
+
()
-------------------------------------
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com