Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 14Page - Microchip Technology MCP18480 Datasheet HTML 15Page - Microchip Technology MCP18480 Datasheet HTML 16Page - Microchip Technology MCP18480 Datasheet HTML 17Page - Microchip Technology MCP18480 Datasheet HTML 18Page - Microchip Technology MCP18480 Datasheet HTML 19Page - Microchip Technology MCP18480 Datasheet HTML 20Page - Microchip Technology MCP18480 Datasheet HTML 21Page - Microchip Technology MCP18480 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
MCP18480
DS20091B-page 18
 2003 Microchip Technology Inc.
FIGURE 2-7:
GATE Source Current vs.
ISET Pin Current.
FIGURE 2-8:
PWRGOOD Output Low
Voltage (VOL) vs. Temperature.
Data taken with the minimum following conditions:
-50 µA µA < IISET < 50 µA (IISET ≠ 0)
IPOS = 5 mA
(Enables VPOS at its self-regulating voltage)
VREFIN = 2.5V
Note 1:
VGATE > 0.5V
VUVTH > VVREFIN
VOVTH < VVREFIN
VSENSE = VVNEG
VVFB = VVNEG
VDRAINTH = VVNEG
VOVO = VVNEG
VCL = VVREFIN
VENABLE = 5V (open)
VRESTART = VVNEG (open)
-105
-95
-85
-75
-65
-55
-45
-35
-25
-15
-5
-30 -25 -20 -15 -10 -5
0
5 1015202530
ISET Current (uA)
TA = +25°C
TA = +85°C
TA = -40°C
Data taken with the minimum following conditions:
ILOAD = 1 mA
IPOS = 5 mA
(Enables VPOS at its self-regulating voltage)
VREFIN = 2.5V, ISET = 10 µA
Note 1:
VUVTH > VVREFIN
VOVTH < VVREFIN
VSENSE = VVNEG
VVFB = VVNEG
VDRAINTH = VVNEG
VOVO = VVNEG
VCL = VVREFIN
VENABLE = 5V (open)
VRESTART = VVNEG (open)
0.17
0.18
0.19
0.20
0.21
0.22
0.23
0.24
0.25
0.26
-40
-20
0
20
406080
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com