Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 35 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 35 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 31Page - Microchip Technology MCP18480 Datasheet HTML 32Page - Microchip Technology MCP18480 Datasheet HTML 33Page - Microchip Technology MCP18480 Datasheet HTML 34Page - Microchip Technology MCP18480 Datasheet HTML 35Page - Microchip Technology MCP18480 Datasheet HTML 36Page - Microchip Technology MCP18480 Datasheet HTML 37Page - Microchip Technology MCP18480 Datasheet HTML 38Page - Microchip Technology MCP18480 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 35
MCP18480
TIMER
10
I
A
Current Limit Timer.
The value of the external capacitor (CTIMER) connected to the TIMER
pin sets the two time periods used during a current-limit event. These
are:
• The time that the GATE pin will limit the current through the
external FET
• The time that the GATE pin will disable the external FET
During current limit, a pull-up current source charges up the external
capacitor. Until the voltage on the TIMER pin reaches VREFIN/2, the
GATE pin is driven to maintain a reduced current flow determined by
the VDS of the external FET.
While the capacitor is being discharged by the pull-down current (pull-
up current is off), the GATE pin is at VNEG and the PWRGOOD pin is
deasserted. When the TIMER voltage falls below approximately
100 mV, the GATE pin turns on, if the RESTART pin is low, to reset the
internal fault latch. If the RESTART pin is high, the GATE pin remains
off until the ENABLE pin is forced low. It is then forced high or the
RESTART pin is forced low (asserted).
The PWRGOOD pin reasserts after the voltages on the DRAINTH and
GATE pins meet the appropriate conditions.
The TIMER pin pull-up current is proportioned to the IISET current
(approximately a multiple of 16).
VNEG
11
I
P
Negative supply input.
The negative voltage applied to the board by the backplane (typically
the most negative voltage in the system).
RDISCH
12
I
A
External MOSFET activation delay.
An external resistor (RRDISCH) is connected between the RDISCH pin
and the VNEG pin and is used to set the delay between the deactivation
and activation of the external pass MOSFET during a current-limit
event. The delay is set by the values of the external capacitor (CTIMER)
and the external resistor (RRDISCH). The formulas are:
TDEACT = (CTIMER x RISET) / 16
TACT = (9.2 x RRDISCH x CTIMER)
TABLE 3-1:
MCP18480 PIN DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Direction
Buffer
Type
Description
SSOP
Legend: TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS-compatible input
A = Analog
D = Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com