Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 7Page - Microchip Technology MCP18480 Datasheet HTML 8Page - Microchip Technology MCP18480 Datasheet HTML 9Page - Microchip Technology MCP18480 Datasheet HTML 10Page - Microchip Technology MCP18480 Datasheet HTML 11Page - Microchip Technology MCP18480 Datasheet HTML 12Page - Microchip Technology MCP18480 Datasheet HTML 13Page - Microchip Technology MCP18480 Datasheet HTML 14Page - Microchip Technology MCP18480 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 11
MCP18480
FIGURE 1-5:
UVTH-to-gate Waveform
TABLE 1-6:
UVTH-TO-GATE TIMING REQUIREMENTS
Param.
No.
Parameter
Sym
Min
Typ(1)
Max Units
Conditions
MA030
UVTH Low to GATE Falling Edge
TUVL2GATEF—
108
—
µs
CUVD = 800 nF
MA031
GATE High to GATE Low
TGATEH2GATEL
—
25.8
—
µs
MA032
ENABLE High to GATE Fast Ramp
TUVH2GATEFR
—
40.4
—
ms
MA033
GATE Fast Ramp to GATE High
TGATEFR2GATEH
—
58.4
—
ms
Note 1: Data in the Typical (“Typ”) column is at 5V, 25
°C, unless otherwise stated.
2: Minimum and maximum specifications will be provided in future revisions of this data sheet.
UVTH
MA033
GATE(1)
MA030
MA032
VREFIN - 262 mV
VREFIN
MA031
Note 1: This voltage is determined by the threshold voltage of the external FET.
This voltage needs to ensure the external FET is fully enhanced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com