Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 46 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 46 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 42Page - Microchip Technology MCP18480 Datasheet HTML 43Page - Microchip Technology MCP18480 Datasheet HTML 44Page - Microchip Technology MCP18480 Datasheet HTML 45Page - Microchip Technology MCP18480 Datasheet HTML 46Page - Microchip Technology MCP18480 Datasheet HTML 47Page - Microchip Technology MCP18480 Datasheet HTML 48Page - Microchip Technology MCP18480 Datasheet HTML 49Page - Microchip Technology MCP18480 Datasheet HTML 50Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
MCP18480
DS20091B-page 46
 2003 Microchip Technology Inc.
6.8.4
CURRENT LIMIT BLOCK
An excessive current flowing through the external FET
is sensed as a voltage across an external resistor
connected between the FET’s source and VNEG.
The drain voltage is sensed with a resistor divider net-
work, as shown in Figure 4-1 and Figure 4-2. The volt-
age tap is applied to a circuit whose output is 50 mV
above VNEG when the drain of the external FET is at
VNEG. The output is 12 mV when the VFB pin is
≥ VNEG +0.5V. This output voltage is the Current Limit
Feedback (CLFB) signal to the gate driver block for use
in the fold-back current-limiting.
The CLFB voltage serves as the reference for a com-
parator whose other input monitors the voltage across
the current limit sense resistor in series with the source
of the external FET. When the SENSE pin exceeds the
voltage on CLFB, a comparator output goes high to
start the timer (see Section 6.8.5). The VDS dependent
threshold for the current limit helps keep the FET within
its safe operating area.
Another comparator in the current-limiting block
watches the SENSE pin for potentially catastrophic
over-current conditions, which require immediate ter-
mination of conduction in the pass MOSFET. The out-
put of this comparator trips a comparator used in the
TIMER block to skip the first part of the timeout cycle
and go straight to the “off” period. In some cases, the
user may want to program the system to shut off imme-
diately if there is a short-circuit condition that exceeds
a desired level. To use this feature, connect a divider
between the VREFIN pin and the VNEG pin, with its cen-
tertap at the CL input pin. The circuit breaker current
that would trigger this mode is given by Equation 6-5.
EQUATION 6-5:
CIRCUIT BREAKER
THRESHOLD
If this function is not needed in a particular application,
it can be disabled by connecting the CL pin to the
VREFIN pin. Equation 6-6 shows the current of the CL
pin during current-limiting.
EQUATION 6-6:
CL PIN CURRENT
6.8.5
TIMER BLOCK
Since the external FET can survive brief over-current
episodes, it is unnecessary to turn off the FET instantly
when the current rises too high (see external FET data
sheet). The timer circuit uses the output of the compar-
ator in the current-limiting block to begin charging an
external capacitor with 16 • IRISET (typically 160 µA)
when an over-current condition is detected. When the
voltage on the capacitor ramps up to 1.25V, a compar-
ator output goes high. This output goes to another
block that tells the gate driver to turn the external FET
off and deassert the PWRGOOD pin. The complemen-
tary output of the timer changes the state of a hystere-
sis circuit that drops the reference input of the
comparator to VNEG + 100 mV (± 10 mV).
When the FET is off, the current through it drops to
zero, so that the voltage across the current sense resis-
tor also goes to zero and the current limit signal to the
timer block goes away. The timer capacitor starts to
discharge at a rate set by the external resistor, RDISCH.
Equation 6-7 shows the equations used to calculate the
current at the TIMER pin. This current is used for other
calculations.
EQUATION 6-7:
TIMER PIN CURRENT
CALCULATIONS
The delay between the inception of the over-current
condition and the deactivation of the FET is given by
Equation 6-8.
EQUATION 6-8:
OVER-CURRENT FAULT
DELAY
The time required to reset the timer and reactivate the
gate driver is given by Equation 6-9.
EQUATION 6-9:
OVER-CURRENT
REACTIVATION DELAY
As described above, the timer circuit operates as a
free-running, multi-vibrator, if RESTART is low.
ICAT
VREFIN
RCL1 RCL2
+
-------------------------------

 R
CL2
•
RSENSE
-------------------------------------------------------
=
0V
> 0.5V
50 mV
12 mV
V
SENSE
for V
FB > 0.5V, VSENSE = 0.012V
ICL
VSENSE
RSENSE
------------------
=
VSENSE
0.76
0.05V
VDS RFB2
×
RFB1 RFB2
+
-------------------------------
–

 0.012V
+
×
=
Legend: I
RISET is the current through the external
R
ISET resistor
ITIMER
16 IRISET
•
=
Typical
ITIMER
10 IRISET
•
=
Minimum
ITIMER
20 IRISET
•
=
Maximum
TCLD1
CTIMER
ITIMER
------------------- 1.25
•
=
TCLD2
9.2 CTIMER
•
RDISCH
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com