Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 45 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 45 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 41Page - Microchip Technology MCP18480 Datasheet HTML 42Page - Microchip Technology MCP18480 Datasheet HTML 43Page - Microchip Technology MCP18480 Datasheet HTML 44Page - Microchip Technology MCP18480 Datasheet HTML 45Page - Microchip Technology MCP18480 Datasheet HTML 46Page - Microchip Technology MCP18480 Datasheet HTML 47Page - Microchip Technology MCP18480 Datasheet HTML 48Page - Microchip Technology MCP18480 Datasheet HTML 49Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 45
MCP18480
6.8.2
OV (OVERVOLTAGE) BLOCK
The overvoltage block behaves similarly to the under-
voltage block in that it monitors an input voltage by
comparing a centertap voltage on an external voltage
divider (on the OVTH pin) to the VREFIN pin voltage.
If the centertap voltage is below the reference, the input
voltage is not excessive. If the centertap voltage is
greater than the VNEG + VREFIN pin voltages, the sup-
ply voltage is higher than the programmed acceptable
maximum voltage limit. An internal flag is then acti-
vated to inform the MCP18480 that the input voltage
has exceeded the preset limit.
The “Overvoltage Active” signal deasserts when the
input voltage drops back below the threshold
determined by the external resistors (ROV1 and ROV2).
EQUATION 6-4:
OVERVOLTAGE VOLTAGE
CONDITION
6.8.3
FET-GOOD BLOCK
The FET-good block monitors the voltage between the
drain of the external MOSFET and on the VNEG pin at
power-up. It delays assertion of PWRGOOD until the
drain-to-source voltage of the external FET is accept-
ably low and the voltage at the GATE pin is about 8V.
The comparator operation is similar to Undervoltage
and Overvoltage blocks.
To prevent applying excessive voltages to the gates of
the FETs in the Undervoltage circuit, a resistive voltage
divider is employed between ground and the VNEG pin.
Similarly, the drain of the external MOSFET can be
exposed to voltages at around VNEG during normal
operation and as high as ground (typically 48V above
VNEG).
The FET good block also monitors the GATE pin. When
the GATE pin becomes >VNEG +8V and the DRAINTH
pin is within its programmed range, the output of the
FET good block is active.
The internal FET good signal goes high and remains
active until a fault condition (Undervoltage, Overvolt-
age or Current Limit) is detected. Any of these condi-
tions hold the PWRGOOD signal deasserted until the
fault condition is removed and the external FET gate
and drain voltages are acceptable.
VREFIN
VNEG ROV2
•
ROV1 ROV2
+
()
-------------------------------------
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com