Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 37 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 37 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 33Page - Microchip Technology MCP18480 Datasheet HTML 34Page - Microchip Technology MCP18480 Datasheet HTML 35Page - Microchip Technology MCP18480 Datasheet HTML 36Page - Microchip Technology MCP18480 Datasheet HTML 37Page - Microchip Technology MCP18480 Datasheet HTML 38Page - Microchip Technology MCP18480 Datasheet HTML 39Page - Microchip Technology MCP18480 Datasheet HTML 40Page - Microchip Technology MCP18480 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 37
MCP18480
OVO
17
I
A
Overvoltage detect.
Typically for normal operation. This pin is tied to VNEG.
This feature allows the overvoltage detection input to monitor an over-
voltage condition across the power module. The voltage is sensed at
the drain of the external MOSFET. The voltage across the load is inter-
nally determined based upon:
• The voltage difference between system ground and the voltage
on the VNEG pin
• The voltage difference between the drain of the external FET and
the voltage on the VNEG pin
An external resistor divider network (ROVO1 and ROVO2) is attached
between the drain of the external MOSFET and the VNEG pin (ROVO1
is connected between the drain of the external MOSFET and the OVO
pin, while ROVO2 is connected between the OVO pin and the VNEG
pin).
When the voltage across the external MOSFET (source-to-drain)
equals system ground voltage (- VNEG +), the maximum desired load
voltage, the GATE pin is forced to the voltage on the VNEG pin
(disabling the external MOSFET).
To detect Overvoltage on the board (instead of the load) directly,
connect the OVO pin to the VNEG pin.
PWRGOOD
18
O
D
Power Good indicator.
This state of the output is determined by four conditions. These are:
• Undervoltage
• Overvoltage
• Current Limit
• External FET is fully-enhanced (from DRAINTH pin on power-up)
PWRGOOD is a CMOS logic voltage (VNEG or VNEG+12V).
PWRGOOD is active when the device has completed power-up and
the system is neither in an Undervoltage or Overvoltage condition.
Connecting the RISET pin to the VNEG pin configures the PWRGOOD
pin to be active high. Connecting the RISET pin to the VREF pin config-
ures the PWRGOOD pin to be active low.
ENABLE
19
I
TTL
Enable Gate driver.
Used to enable the GATE pin and assert the PWRGOOD pin. The
ENABLE pin is active-high and is internally pulled up to 5V. This pin is
pulled low by the user to clear the current limit latch when a current-
limit fault occurs with RESTART high, or to disable the GATE pin.
H = Enable the GATE and PWRGOOD pins.
L = Disables the GATE pin, deasserts the PWRGOOD pin and clears
current limit latch.
When the ENABLE pin is high, fault conditions will disable the GATE
pin and deasserts the PWRGOOD pin.
TABLE 3-1:
MCP18480 PIN DESCRIPTIONS (CONTINUED)
Pin Name
Pin
Number
Pin
Direction
Buffer
Type
Description
SSOP
Legend: TTL = TTL compatible input
ST = Schmitt Trigger input with CMOS levels
I = Input
O = Output
P = Power
CMOS = CMOS-compatible input
A = Analog
D = Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com