Electronic Components Datasheet Search
  English  ▼

X  

MCP18480 Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP18480
Description  -48V Hot Swap Controller
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP18480 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP18480 Datasheet HTML 3Page - Microchip Technology MCP18480 Datasheet HTML 4Page - Microchip Technology MCP18480 Datasheet HTML 5Page - Microchip Technology MCP18480 Datasheet HTML 6Page - Microchip Technology MCP18480 Datasheet HTML 7Page - Microchip Technology MCP18480 Datasheet HTML 8Page - Microchip Technology MCP18480 Datasheet HTML 9Page - Microchip Technology MCP18480 Datasheet HTML 10Page - Microchip Technology MCP18480 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
 2003 Microchip Technology Inc.
DS20091B-page 7
MCP18480
FIGURE 1-1:
Load Conditions for Device Timing Specifications.
+
RUV1
ROV2
RUV2
CUVD
RISET
Ctimer
RDISCH
RUVHYS
RPOS
CBYP2
RSENSE
ROVO1
ROVO2
RDRAIN1
RDRAIN2
RFB1
RFB2
CGD
RGD
RG1
CG1
QPG2
QPG3
RPG2
RPG6
M1
CBYPL
RBYPL
VNEG
RPG1
RPG5
4k
Ω
2µF
10nF
1.74 M
Ω
453 k
Ω
280 k
Ω
59 k
Ω
30.9 k
Ω
800 nF
124 k
Ω
680 nF
1.6 M
Ω
0.01
Ω
7.5 k
Ω
110 k
Ω
MPSA43
100 nF 10Ω 3.3 nF
18 k
Ω
680
Ω
36 k
Ω
36 k
Ω
1500
Ω
100 µF
51 k
Ω
2N5400
NTE261
124 k
Ω
115 k
Ω
59 k
Ω
1.74 M
Ω
1.6 M
Ω
1.74 M
Ω
NTE2388
RZ
24.9 k
Ω
5V
RPG3
RPG4
QPG1
RESTART
ENABLE
PWRGOOD
VPOS
OVTH
UVTH
UVHYS
UVD
VREFIN
VREFOUT
CL
ISET
TIMER
OVO
DRAINTH
VFB
GATE
SENSE
VNEG
RDISCH
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
DC/DC
Converter
Module
VIN+
VIN-
VOUT+
VOUT-
ON/OFF
100 V
78V
Fuse 10A
GND
Transorb
CBYP1
ROV1
GOODPWR
MCP18480
SRS
SEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com