Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 71 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 71 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 67Page - Intel Corporation 82845MP Datasheet HTML 68Page - Intel Corporation 82845MP Datasheet HTML 69Page - Intel Corporation 82845MP Datasheet HTML 70Page - Intel Corporation 82845MP Datasheet HTML 71Page - Intel Corporation 82845MP Datasheet HTML 72Page - Intel Corporation 82845MP Datasheet HTML 73Page - Intel Corporation 82845MP Datasheet HTML 74Page - Intel Corporation 82845MP Datasheet HTML 75Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
71
R
3.7.25.
ACAPID – AGP Capability Identifier Register – Device #0
Address Offset:
A0-A3h
Default Value:
0020_0002h
Access:
Read Only
Size:
32 bits
This register provides standard identifier for AGP capability.
Bit
Description
31:24
Reserved.
23:20
Major AGP Revision Number (MAJREV): These bits provide a major revision number of AGP
specification to which this version of MCH-M conforms. This field is hardwired to value of “0010b” (i.e.
implying Rev 2.x).
19:16
Minor AGP Revision Number (MINREV): These bits provide a minor revision number of AGP
specification to which this version of MCH-M conforms. This number is hardwired to value of “0000”
(i.e. implying Rev x.0)
Together with major revision number, this field identifies MCH-M as an AGP REV 2.0 compliant
device.
15:8
Next Capability Pointer (NCAPTR): AGP capability is the first and the last capability described via
the capability pointer mechanism and therefore these bits are hardwired to “0” to indicate the end of
the capability linked list.
7:0
AGP Capability ID (CAPID): This field identifies the linked list item as containing AGP registers. This
field has a value of 0000_0010b assigned by the PCI SIG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com