Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 29 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 29 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 25Page - Intel Corporation 82845MP Datasheet HTML 26Page - Intel Corporation 82845MP Datasheet HTML 27Page - Intel Corporation 82845MP Datasheet HTML 28Page - Intel Corporation 82845MP Datasheet HTML 29Page - Intel Corporation 82845MP Datasheet HTML 30Page - Intel Corporation 82845MP Datasheet HTML 31Page - Intel Corporation 82845MP Datasheet HTML 32Page - Intel Corporation 82845MP Datasheet HTML 33Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
29
R
Signal Name
Type
Description
G_PAR
I/O
AGP
Parity
During FRAME# Operation: G_PAR is driven by the MCH-M when it acts as a
FRAME#-based AGP initiator during address and data phases for a write cycle,
and during the address phase for a read cycle. G_PAR is driven by the MCH-M
when it acts as a FRAME#-based AGP target during each data phase of a
FRAME#-based AGP memory read cycle. Even parity is generated across
G_AD[31:0] and G_CBE[3:0]#.
During SBA and PIPE# Operation: This signal is not used during SBA and PIPE#
operation.
NOTE:
PCIRST# from the ICH3-M is connected to RSTIN# and is used to reset AGP interface logic within the
MCH-M. The AGP agent will also use PCIRST# provided by the ICH3-M as an input to reset its internal
logic.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com