Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 4 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 4 Page - Intel Corporation

  82845MP Datasheet HTML 1Page - Intel Corporation 82845MP Datasheet HTML 2Page - Intel Corporation 82845MP Datasheet HTML 3Page - Intel Corporation 82845MP Datasheet HTML 4Page - Intel Corporation 82845MP Datasheet HTML 5Page - Intel Corporation 82845MP Datasheet HTML 6Page - Intel Corporation 82845MP Datasheet HTML 7Page - Intel Corporation 82845MP Datasheet HTML 8Page - Intel Corporation 82845MP Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 157 page
background image
Intel
®82845MP/82845MZ Chipset-Mobile (MCH-M)
4
Datasheet
250687-002
R
3.7.5.
RID – Revision Identification Register – Device #0..................................... 54
3.7.6.
SUBC – Sub-Class Code Register – Device #0.......................................... 54
3.7.7.
BCC – Base Class Code Register – Device #0........................................... 54
3.7.8.
MLT – Master Latency Timer Register – Device #0.................................... 55
3.7.9.
HDR – Header Type Register – Device #0 ................................................. 55
3.7.10.
APBASE – Aperture Base Configuration Register – Device #0 .................. 56
3.7.11.
SVID – Subsystem Vendor ID – Device #0 ................................................. 57
3.7.12.
SID – Subsystem ID – Device #0 ................................................................ 57
3.7.13.
CAPPTR – Capabilities Pointer – Device #0............................................... 57
3.7.14.
AGPM- AGP Miscellaneous Configuration.................................................. 58
3.7.15.
DRB[0:7] – DRAM Row Boundary Registers – Device #0 .......................... 58
3.7.16.
DRA[0:7] – DRAM Row Attribute Registers – Device #0 ............................ 59
3.7.17.
DRT – DRAM Timing Register – Device #0 ................................................ 60
3.7.18.
DRC – DRAM Controller Mode Register – Device #0 ................................. 61
3.7.19.
DERRSYN – DRAM Error Syndrome Register ........................................... 63
3.7.20.
EAP – Error Address Pointer Register – Device #0 .................................... 63
3.7.21.
PAM[0:6] – Programmable Attribute Map Registers – Device #0 ............... 64
3.7.22.
FDHC – Fixed DRAM Hole Control Register – Device #0........................... 68
3.7.23.
SMRAM – System Management RAM Control Register – Device #0......... 69
3.7.24.
ESMRAMC – Extended System Mgmt RAM Control Register
– Device #0 ................................................................................................. 70
3.7.25.
ACAPID – AGP Capability Identifier Register – Device #0.......................... 71
3.7.26.
AGPSTAT – AGP Status Register – Device #0 .......................................... 72
3.7.27.
AGPCMD – AGP Command Register – Device #0..................................... 73
3.7.28.
AGPCTRL – AGP Control Register............................................................. 74
3.7.29.
APSIZE – Aperture Size – Device #0.......................................................... 75
3.7.30.
ATTBASE – Aperture Translation Table Base Register – Device #0.......... 76
3.7.31.
AMTT – AGP Interface Multi-Transaction Timer Register – Device #0 ...... 77
3.7.32.
LPTT – AGP Low Priority Transaction Timer Register – Device #0............ 78
3.7.33.
TOM – Top of Low Memory Register – Device #0 ...................................... 79
3.7.34.
MCH-MCFG – MCH-M Configuration Register – Device #0 ....................... 80
3.7.35.
ERRSTS – Error Status Register – Device #0 ............................................ 81
3.7.36.
ERRCMD – Error Command Register – Device #0 .................................... 82
3.7.37.
SMICMD – SMI Command Register – Device #0 ....................................... 83
3.7.38.
SCICMD – SCI Command Register – Device #0 ........................................ 83
3.7.39.
SKPD – Scratchpad Data – Device #0........................................................ 84
3.7.40.
CAPID – Product Specific Capability Identifier............................................ 84
3.8.
AGP Bridge Registers – Device #1 ............................................................................... 85
3.8.1.
VID1 – Vendor Identification Register – Device #1 ..................................... 87
3.8.2.
DID1 – Device Identification Register – Device #1...................................... 87
3.8.3.
PCICMD1 – PCI-PCI Command Register – Device #1............................... 88
3.8.4.
PCISTS1 – PCI-PCI Status Register – Device #1....................................... 89
3.8.5.
RID1 – Revision Identification Register – Device #1................................... 90
3.8.6.
SUBC1- Sub-Class Code Register – Device #1.......................................... 90
3.8.7.
BCC1 – Base Class Code Register – Device #1......................................... 91
3.8.8.
MLT1 – Master Latency Timer Register – Device #1.................................. 91
3.8.9.
HDR1 – Header Type Register – Device #1 ............................................... 91
3.8.10.
PBUSN1 – Primary Bus Number Register – Device #1 .............................. 92
3.8.11.
SBUSN1 – Secondary Bus Number Register – Device #1 ......................... 92
3.8.12.
SUBUSN1 – Subordinate Bus Number Register – Device #1 .................... 92
3.8.13.
SMLT1 – Secondary Master Latency Timer Register – Device #1 ............. 93
3.8.14.
IOBASE1 – I/O Base Address Register – Device #1 .................................. 94
3.8.15.
IOLIMIT1 – I/O Limit Address Register – Device #1 ................................... 94
3.8.16.
SSTS1 – Secondary PCI-PCI Status Register – Device #1 ........................ 95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com