Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 47 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 47 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 43Page - Intel Corporation 82845MP Datasheet HTML 44Page - Intel Corporation 82845MP Datasheet HTML 45Page - Intel Corporation 82845MP Datasheet HTML 46Page - Intel Corporation 82845MP Datasheet HTML 47Page - Intel Corporation 82845MP Datasheet HTML 48Page - Intel Corporation 82845MP Datasheet HTML 49Page - Intel Corporation 82845MP Datasheet HTML 50Page - Intel Corporation 82845MP Datasheet HTML 51Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
47
R
3.6.5.
CKSTR – Strength Control Register for CK Signal Group (CK /
CK#)
Address Offset:
33h
Default Value:
00h
Access:
Read Only, Read/Write
Size:
8 bits
This register controls the drive strength of the I/O buffers for the CK signal group, which includes both
the CK and CK# signals. This group has two possible loadings depending on the width of SDRAM
devices used in each Row of memory (x8 or x16). The proper strength can be independently programmed
for each configuration. The actual strength used for each signal is determined by the DRAM Width
register (offset 2Ch).
Bit
Descriptions
7
Reserved
6:4
CK x16 Strength Control: Sets drive strength as shown below:
000 = 0.75 X (default)
001 = 1.00 X
010 = 1.25 X
011 = 1.50 X
100 = 2.00 X
101 = 2.50 X
110 = 3.00 X
111 = 4.00 X
3
Reserved
2:0
CK x8 Strength Control: Sets drive strength as shown below:
000 = 0.75 X (default)
001 = 1.00 X
010 = 1.25 X
011 = 1.50 X
100 = 2.00 X
101 = 2.50 X
110 = 3.00 X
111 = 4.00 X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com