Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 30 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 30 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 26Page - Intel Corporation 82845MP Datasheet HTML 27Page - Intel Corporation 82845MP Datasheet HTML 28Page - Intel Corporation 82845MP Datasheet HTML 29Page - Intel Corporation 82845MP Datasheet HTML 30Page - Intel Corporation 82845MP Datasheet HTML 31Page - Intel Corporation 82845MP Datasheet HTML 32Page - Intel Corporation 82845MP Datasheet HTML 33Page - Intel Corporation 82845MP Datasheet HTML 34Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 157 page
background image
Intel
®82845MP/82845MZ Chipset-Mobile (MCH-M)
30
Datasheet
250687-002
R
2.5.
Clocks, Reset, and Miscellaneous
Table 12. Clocks, Reset, and Miscellaneous Descriptions
Signal Name
Type
Description
BCLK /
BCLK#
I
CMOS
Differential Host Clock In: These pins receive a differential host clock from the
external clock synthesizer. This clock is used by all of the MCH-M logic that is in
the Host clock domain.
66IN
I
CMOS
66-MHz Clock In: This pin receives a 66-MHz clock from the clock synthesizer.
This clock is used by AGP/PCI and hub interface clock domains.
Note: That this clock input is 3.3-V tolerant.
SCK[5:0]
O
CMOS
SDRAM Differential Clock (DDR): These signals deliver a source synchronous
clock to
the SO-DIMMs. There are three per SO-DIMM.
SCK#[5:0]
O
CMOS
SDRAM Inverted Differential Clock (DDR): These signals are the complement to
the SCK[5:0] signals. There are three per
SO-DIMM.
RSTIN#
I
CMOS
Reset In: When asserted this signal will asynchronously reset the MCH-M logic.
This signal is connected to the PCIRST# output of the ICH3-M. All AGP/PCI output
and bi-directional signals will also tri-state compliant to PCI Rev 2.0 and 2.1
specifications.
Note: That this input needs to be 3.3-V tolerant.
TESTIN#
I
CMOS
Test Input: This pin is used for manufacturing and board level test purposes.
Note: This signal has an internal pullup resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com