Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 83 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 83 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 79Page - Intel Corporation 82845MP Datasheet HTML 80Page - Intel Corporation 82845MP Datasheet HTML 81Page - Intel Corporation 82845MP Datasheet HTML 82Page - Intel Corporation 82845MP Datasheet HTML 83Page - Intel Corporation 82845MP Datasheet HTML 84Page - Intel Corporation 82845MP Datasheet HTML 85Page - Intel Corporation 82845MP Datasheet HTML 86Page - Intel Corporation 82845MP Datasheet HTML 87Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
83
R
3.7.37.
SMICMD – SMI Command Register – Device #0
Address Offset:
CC-CDh
Default Value:
0000h
Access:
Read/Write, Read Only
Size:
16 bits
This register enables various errors to generate an SMI message via the hub interface A.
Note: An error can generate one and only one error message via the hub interface A. It is software’s
responsibility to make sure that when an SMI error message is enabled for an error condition; SERR and
SCI error messages are disabled for that same error condition.
Bit
Description
15:2
Reserved
1
SMI on Multiple-bit DRAM ECC Error (DMERR): When this bit is set, the generation of the hub
interface A SMI message is enabled when the MCH-M DRAM controller detects a multiple-bit error.
For systems not supporting ECC this bit must be disabled.
0
SMI on Single-bit ECC Error (DSERR): When this bit is set, the generation of the hub interface A
SMI message is enabled when the MCH-M DRAM controller detects a single bit error. For systems
that do not support ECC this bit must be disabled.
3.7.38.
SCICMD – SCI Command Register – Device #0
Address Offset:
CE-CDh
Default Value:
0000h
Access:
Read/Write, Read Only
Size:
16 bits
This register enables various errors to generate a SCI message via the hub interface A.
Note: An error can generate one and only one error message via the hub interface A. It is software’s
responsibility to make sure that when an SCI error message is enabled for an error condition, SERR and
SMI error messages are disabled for that same error condition.
Bit
Description
15:2
Reserved
1
SCI on Multiple-Bit DRAM ECC Error (DMERR): When this bit is set, the generation of the hub
interface A SCI message is enabled when the MCH-M DRAM controller detects a multiple-bit error.
For systems not supporting ECC this bit must be disabled.
0
SCI on Single-bit ECC Error (DSERR): When this bit is set, the generation of the hub interface A
SCI message is enabled when the MCH-M DRAM controller detects a single bit error. For systems
that do not support ECC this bit must be disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com