Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 48 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 48 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 44Page - Intel Corporation 82845MP Datasheet HTML 45Page - Intel Corporation 82845MP Datasheet HTML 46Page - Intel Corporation 82845MP Datasheet HTML 47Page - Intel Corporation 82845MP Datasheet HTML 48Page - Intel Corporation 82845MP Datasheet HTML 49Page - Intel Corporation 82845MP Datasheet HTML 50Page - Intel Corporation 82845MP Datasheet HTML 51Page - Intel Corporation 82845MP Datasheet HTML 52Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 157 page
background image
Intel
®82845MP/82845MZ Chipset-Mobile (MCH-M)
48
Datasheet
250687-002
R
3.6.6.
RCVENSTR – Strength Control Register for RCVENOUT#
Signals
Address Offset:
34h
Default Value:
00h
Access:
Read Only, Read/Write
Size:
8 bits
This register controls the drive strength of the I/O buffers for the Receive Enable Out (RCVENOUT#)
signal.
Bit
Descriptions
7:3
Reserved
2:0
RCVEnOut# Strength Control: Sets drive strength as shown below:
000 = 0.75 X (default)
001 = 1.00 X
010 = 1.25 X
011 = 1.50 X
100 = 2.00 X
101 = 2.50 X
110 = 3.00 X
111 = 4.00 X
3.7.
Host-Hub Interface Bridge Device Registers – Device
#0
Table 20 shows the access attributes for the configuration space. An “s” in the Default Value field means
that a strap determines the power-up default value for that bit. Table 21 below summarizes the MCH-M
configuration space for Device #0.
Table 20. Nomenclature for Access Attributes
RO
Read Only. If a register is read only, writes to this register have no effect.
R/W
Read/Write. A register with this attribute can be read and written.
R/W/L
Read/Write/Lock A register with this attribute can be read, written, and Lock.
R/WC
Read/Write Clear. A register bit with this attribute can be read and written. However, a write of a 1
clears (sets to 0) the corresponding bit and a write of a 0 has no effect.
R/WO
Read/Write Once. A register bit with this attribute can be written to only once after power up. After the
first write, the bit becomes read only.
L
Lock. A register bit with this attribute becomes Read Only after a lock bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com