Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 23 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 23 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 19Page - Intel Corporation 82845MP Datasheet HTML 20Page - Intel Corporation 82845MP Datasheet HTML 21Page - Intel Corporation 82845MP Datasheet HTML 22Page - Intel Corporation 82845MP Datasheet HTML 23Page - Intel Corporation 82845MP Datasheet HTML 24Page - Intel Corporation 82845MP Datasheet HTML 25Page - Intel Corporation 82845MP Datasheet HTML 26Page - Intel Corporation 82845MP Datasheet HTML 27Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 157 page
background image
Intel
® 82845MP/82845MZ Chipset-Mobile (MCH-M)
250687-002
Datasheet
23
R
2.2.
DDR Interface
Table 5. DDR Interface Signal Descriptions
Signal Name
Type
Description
SCS#[3:0]
O
CMOS
Chip Select: These pins select the particular DDR components during the active
state.
Note: There is one SCS# per DDR-SDRAM Physical SO-DIMM device row. These
signals can be toggled on every rising System Memory Clock edge.
SMA[12:0]
O
CMOS
Multiplexed Memory Address: These signals are used to provide the multiplexed
row and column address to DDR.
SBS[1:0]
O
CMOS
Memory Bank Address: These signals define the banks that are selected within
each DDR row. The SMA and SBS signals combine to address every possible
location within a DDR device.
SRAS#
O
CMOS
DDR Row Address Strobe: SRAS# may be heavily loaded and requires 2 DDR
clock cycles for setup time to the DDRs: Used with SCAS# and SWE# (along with
SCS#) to define the DRAM commands.
SCAS#
O
CMOS
DDR Column Address Strobe: SCAS# may be heavily loaded and requires 2 DDR
clock cycles for setup time to the DDRs. Used with SRAS# and SWE# (along with
SCS#) to define the DRAM commands.
SWE#
I/O
CMOS
Write Enable: Used with SCAS# and SRAS# (along with SCS#) to define the
DRAM commands. SWE# is asserted during writes to DDR. SWE# may be heavily
loaded and requires 2 DDR clock cycles for setup time to the DDRs.
SDQ[63:0]
I/O
CMOS 2X
Data Lines: These signals are used to interface to the DDR data bus.
SCB[7:0]
I/O
CMOS 2X
Data Lines: These signals are used to interface to the SDRAM ECC signals (to be
used if SO-DIMMs support ECC).
SDQS[8:0]
I/O
CMOS
Data Strobes:
There is an associated data strobe (DQS) for each data strobe (DQ) and check
bit (CB) group.
SDQS8 -> SCB[7:0]
SDQS7 -> SDQ[63:56]
SDQS6 -> SDQ[55:48]
SDQS5 -> SDQ[47:40]
SDQS4 -> SDQ[39:32]
SDQS3 -> SDQ[31:24]
SDQS2 -> SDQ[23:16]
SDQS1 -> SDQ[15:8]
SDQS0 -> SDQ[7:0]
SCKE[3:0]
O
CMOS
Clock Enable: These pins are used to signal a self-refresh or power down
command to a DDR array when entering system suspend. SCKE is also used to
dynamically power down inactive DDR rows. There is one SCKE per DDR row.
These signals can be toggled on every rising SCLK edge.
RCVENOUT#
O
CMOS
Clock Output: Used to emulate source-synch clocking for reads. Connects to
RCVENIN#.
RCVENIN#
I
CMOS
Clock Input: Used to emulate source-synch clocking for reads. Connects to
RCVENOUT#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com