Electronic Components Datasheet Search
  English  ▼

X  

82845MP Datasheet(PDF) 14 Page - Intel Corporation

Part # 82845MP
Description  Intel 845 Family Chipset-Mobile 82845MP/82845MZ Chipset Memory Controller Hub Mobile (MCH-M)
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82845MP Datasheet(HTML) 14 Page - Intel Corporation

Back Button 82845MP Datasheet HTML 10Page - Intel Corporation 82845MP Datasheet HTML 11Page - Intel Corporation 82845MP Datasheet HTML 12Page - Intel Corporation 82845MP Datasheet HTML 13Page - Intel Corporation 82845MP Datasheet HTML 14Page - Intel Corporation 82845MP Datasheet HTML 15Page - Intel Corporation 82845MP Datasheet HTML 16Page - Intel Corporation 82845MP Datasheet HTML 17Page - Intel Corporation 82845MP Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 157 page
background image
Intel
®82845MP/82845MZ Chipset-Mobile (MCH-M)
14
Datasheet
250687-002
R
1.
Overview
Figure 1. Intel
® 845MP/845MZ Chipset System Block Diagram
The Intel 845MP/845MZ Chipset Memory Controller Hub-M (MCH-M) is designed for use with the
Mobile Intel Pentium 4 Processor-M. The Intel 845MP/845MZ Chipset MCH-M manages the flow of
information between its four interfaces: the System Bus, the memory interface, the AGP port, and the hub
interface. The MCH-M arbitrates between the four interfaces when each initiates an operation. While
doing so, the MCH-M must support data coherency via snooping and must perform address translation
for access to AGP Aperture memory.
The Intel 845MP/845MZ Chipset Memory Controller Hub-M (MCH-M) may contain design defects or
errors known as errata, which may cause the product to deviate from published specifications.
Intel
® 845MP or
845MZ Chipset
(MCH-M)
Mobile Intel
® Pentium®
4 Processor-M
ICH3-M
PCI Bus
USB
SIO
Device
AGP
FWH
AC’97 Codec
AC’97 Codec
Primary & Secondary
IDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com