Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 44Page - STMicroelectronics STM32F479 Datasheet HTML 45Page - STMicroelectronics STM32F479 Datasheet HTML 46Page - STMicroelectronics STM32F479 Datasheet HTML 47Page - STMicroelectronics STM32F479 Datasheet HTML 48Page - STMicroelectronics STM32F479 Datasheet HTML 49Page - STMicroelectronics STM32F479 Datasheet HTML 50Page - STMicroelectronics STM32F479 Datasheet HTML 51Page - STMicroelectronics STM32F479 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 91 page
background image
Creating a graphical application with LTDC
AN4861
48/91
DocID029237 Rev 2
Figure 28. Placing the two buffers in independent SDRAM banks
For instance, when the SDRAM bank size is equal to 4 MByte, the following line code can
be used:
/* Framebuffer addresses within external SDRAM */
/* Frontbuffer in bank 1 of SDRAM memory */
uint32_t FrontBuffer
= LCD_FB_START_ADRESS;
/* Backbuffer in the bank 2 of SDRAM memory */
uint32_t BackBuffer
= LCD_FB_START_ADRESS + 1024 * 1024 * 4;
SDRAM RBURST
Another interesting feature allowing to optimize the reading performances from the SDRAM
is the use of RBURST.
The SDRAM controller adds a cacheable read FIFO with a depth of 6 32-bit lines. The read
FIFO is used when the read burst is enabled and allows to anticipate the next read
accesses during CAS latencies.
4.5.4
Framebuffer content update during BLANKING period
A way to optimize graphic performance (especially when the performance bottleneck is the
framebuffer memory bandwidth), is to update the framebuffer content during the blanking
period. Since in this period the LTDC is not fetching any pixel data from the framebuffer, the
bus bandwidth is relaxed and it allows the update of the framebuffer.
4.6
Special recommendations for Cortex®-M7 (STM32F7 Series)
This section illustrates some recommendations for the STM32F7 Series embedding the
Cortex®-M7 CPU. These recommendations are specific to the Cortex®-M7 since it has the
following particularities compared to the Cortex®-M4 CPU:
•
The Cortex®-M7 does some speculative read accesses to normal memory regions.
These speculative read accesses could cause high latency or system errors when
performed on external memories like SDRAM or Quad-SPI. This impacts AHB masters
(such as LTDC) accessing the FMC or Quad-SPI and particularly decreases graphical



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com