Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 63Page - STMicroelectronics STM32F479 Datasheet HTML 64Page - STMicroelectronics STM32F479 Datasheet HTML 65Page - STMicroelectronics STM32F479 Datasheet HTML 66Page - STMicroelectronics STM32F479 Datasheet HTML 67Page - STMicroelectronics STM32F479 Datasheet HTML 68Page - STMicroelectronics STM32F479 Datasheet HTML 69Page - STMicroelectronics STM32F479 Datasheet HTML 70Page - STMicroelectronics STM32F479 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 91 page
background image
DocID029237 Rev 2
67/91
AN4861
LTDC application examples
89
For the 24 bpp color depth and in a double framebuffer configuration, the required
framebuffer size exceeds the internal SRAM size (2 x 382.5 Kbyte), so using an external
SRAM or SDRAM is a must for this configuration.
The next step is to check if the SDRAM 16-bit bus width can sustain the desired resolution
and color depth.
Check if a 480 x 272 resolution with 24 bpp fits the SDRAM 16-bit
configuration
At this stage the user should have decided to use an external SDRAM but still has to check
if the SDRAM 16-bit bus width (actual hardware implementation in the discovery board)
matches the 480 x 272 @ 60 Hz display size and 24 bpp color depth.
In order to conclude if such hardware configuration can support the desired display size and
color depth or not, the user should first compute the pixel clock.
The computed LCD_CLK is about 9.5 MHz (for computing pixel clock refer to Section 6.2.3:
LTDC GPIOs configuration.
Then the user should check based on the following parameters if the computed pixel clock
is not higher than the maximum LCD_CLK indicated in Table 11.
–
Number of used LTDC layers: in this example only one layer is used.
–
System clock speed HCLK and framebuffer memory speed: HCLK @ 200 MHz
and SDRAM @ 100 MHz.
–
External framebuffer memory bus width SDRAM 16-bit.
–
Number of AHB masters accessing concurrently to external SDRAM: 2 masters
(DMA2D and LTDC).
Referring to the pixel clock Table 11 in the “LTDC + DMA2D” column and one layer row, the
pixel clock can reach 34 MHz for SDRAM of 16-bit.
So the SDRAM 16-bit bus width is quite enough to sustain a 480 x 272 @ 60 Hz resolution
(LCD_CLK = 9.5 MHz) with 24 bpp color depth.
6.2.3
LTDC GPIOs configuration
As shown on Figure 34, the ROCKTECH RK043FN48H display is connected to the
STM32F746xx using a parallel RGB888 of 24 bits.
LTDC RGB interface pins configuration
Once that the STM32CubeMX project is created, in the Pinout tab choose one from the
listed hardware configurations. Figure 36 shows how to select the RGB888 hardware
configuration with the STM32CubeMX.
The user can also configure all the GPIOs by setting the right alternate function for each
GPIO one by one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com