Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 55Page - STMicroelectronics STM32F479 Datasheet HTML 56Page - STMicroelectronics STM32F479 Datasheet HTML 57Page - STMicroelectronics STM32F479 Datasheet HTML 58Page - STMicroelectronics STM32F479 Datasheet HTML 59Page - STMicroelectronics STM32F479 Datasheet HTML 60Page - STMicroelectronics STM32F479 Datasheet HTML 61Page - STMicroelectronics STM32F479 Datasheet HTML 62Page - STMicroelectronics STM32F479 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 91 page
background image
DocID029237 Rev 2
59/91
AN4861
Creating a graphical application with LTDC
89
FMC SDRAM/SRAM interface
When using an external SRAM or SDRAM memory for a framebuffer, the FMC-SDRAM and
the FMC-SRAM interfaces speed depend on many factors including the board layout and
the pad speed. A good PCB design enables to reach the maximum pixel clock described in
Table 10 and Table 11.
The layout should be as good as possible in order to get the best performances. To get
more information on PCB routing guidelines, refer to the following application notes
available on the STMicroelectronics website:
•
Section “Flexible memory controller (FMC) interface” of application note Getting started
with STM32F7 Series MCU hardware development (AN4661)
•
Section “Flexible memory controller (FMC) interface” of application note Getting started
with STM32F4xxxx MCU hardware development (AN4488)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com