Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 83 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 83 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 79Page - STMicroelectronics STM32F479 Datasheet HTML 80Page - STMicroelectronics STM32F479 Datasheet HTML 81Page - STMicroelectronics STM32F479 Datasheet HTML 82Page - STMicroelectronics STM32F479 Datasheet HTML 83Page - STMicroelectronics STM32F479 Datasheet HTML 84Page - STMicroelectronics STM32F479 Datasheet HTML 85Page - STMicroelectronics STM32F479 Datasheet HTML 86Page - STMicroelectronics STM32F479 Datasheet HTML 87Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
DocID029237 Rev 2
83/91
AN4861
LTDC application examples
89
Figure 53. MPU configuration for Quad-SPI region
SDRAM and Quad-SPI MPU configuration example
The following code (generated by STM32CubeMX) shows how to set the MPU attributes for
the FMC_SDRAM and Quad-SPI respecting the previously described configurations.
/* MPU Configuration */
void MPU_Config(void)
{
MPU_Region_InitTypeDef MPU_InitStruct;
/* Disables the MPU */
HAL_MPU_Disable();
/* Configure the MPU attributes for region 0 */
/* Configure the MPU attributes for SDRAM to normal memory*/
MPU_InitStruct.Enable = MPU_REGION_ENABLE;
MPU_InitStruct.Number = MPU_REGION_NUMBER0;
MPU_InitStruct.BaseAddress = 0xC0000000;
MPU_InitStruct.Size = MPU_REGION_SIZE_8MB;
MPU_InitStruct.SubRegionDisable = 0x0;
MPU_InitStruct.TypeExtField = MPU_TEX_LEVEL1;
MPU_InitStruct.AccessPermission = MPU_REGION_FULL_ACCESS;
MPU_InitStruct.DisableExec = MPU_INSTRUCTION_ACCESS_ENABLE;
MPU_InitStruct.IsShareable = MPU_ACCESS_NOT_SHAREABLE;
MPU_InitStruct.IsCacheable = MPU_ACCESS_CACHEABLE;
MPU_InitStruct.IsBufferable = MPU_ACCESS_BUFFERABLE;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91