Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 70 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 70 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 66Page - STMicroelectronics STM32F479 Datasheet HTML 67Page - STMicroelectronics STM32F479 Datasheet HTML 68Page - STMicroelectronics STM32F479 Datasheet HTML 69Page - STMicroelectronics STM32F479 Datasheet HTML 70Page - STMicroelectronics STM32F479 Datasheet HTML 71Page - STMicroelectronics STM32F479 Datasheet HTML 72Page - STMicroelectronics STM32F479 Datasheet HTML 73Page - STMicroelectronics STM32F479 Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 91 page
background image
LTDC application examples
AN4861
70/91
DocID029237 Rev 2
To configure the LCD_DISP pin in output mode with STM32CubeMX, in the pinout tab click
on the PI12 pin then select GPIO_Output (see Figure 40).
Figure 40. STM32CubeMX: display enable pin (LCD_DISP) configuration
Then, the LDC_DISP (PI12) pin should be configured to high level, to do it, in the
configuration tab click on GPIO button. Then in the pin configuration window set the GPIO
output level to high as described in Figure 41.
Figure 41. STM32CubeMX: setting LCD_DISP pin output level to high



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91