Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 65 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 61Page - STMicroelectronics STM32F479 Datasheet HTML 62Page - STMicroelectronics STM32F479 Datasheet HTML 63Page - STMicroelectronics STM32F479 Datasheet HTML 64Page - STMicroelectronics STM32F479 Datasheet HTML 65Page - STMicroelectronics STM32F479 Datasheet HTML 66Page - STMicroelectronics STM32F479 Datasheet HTML 67Page - STMicroelectronics STM32F479 Datasheet HTML 68Page - STMicroelectronics STM32F479 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 91 page
background image
DocID029237 Rev 2
65/91
AN4861
LTDC application examples
89
Figure 34. LCD-TFT connection in the STM32F746G-DISCO board
As shown in Figure 34, the display module is connected to the MCU through two different
pin categories:
•
LTDC interface pins:
–
24-bit RGB interface.
–
Timing signals: LCD_HSYNC, LCD_VSYNC, LCD_DE and LCD_CLK.
•
Other specific pins:
–
LCD_DISP to enable/disable display standby mode.
–
INT interrupt line: allows the touch sensor to generate interrupts.
–
I2C interface to control the touch sensor.
–
LCD_RST reset pin allowing to reset the LCD-TFT, it is connected to the global
MCU reset pin (NRST).
–
LCD_BL_A and LCD_BL_K pins for LED backlight control: the backlight is
controlled by the STLD40DPUR circuit.
Backlight Controller: the STLD40DPUR circuit described in Figure 35 is a boost converter
that operates from 3.0 V to 5.5 V. It can provide an output voltage as high as 37 V and can
drive up to ten white LEDs in series. Refer to the STLD40D datasheet for more information
on the backlight controller.
The high level on the LCD_BL_CTRL (PK3) signal lights the backlight on, while the low level
switches it off.
Note:
It is possible to change the display brightness (dim the backlight intensity) by applying a low-
frequency (1 to 10 kHz) PWM signal to the EN pin 7 of the STLD40D circuit. This action
needs a rework since there is no timer PWM output alternate function available on the PK3
pin, so user should remove the R81 resistance and connect another GPIO pin with the
PWM output alternate function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com