Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 11Page - STMicroelectronics STM32F479 Datasheet HTML 12Page - STMicroelectronics STM32F479 Datasheet HTML 13Page - STMicroelectronics STM32F479 Datasheet HTML 14Page - STMicroelectronics STM32F479 Datasheet HTML 15Page - STMicroelectronics STM32F479 Datasheet HTML 16Page - STMicroelectronics STM32F479 Datasheet HTML 17Page - STMicroelectronics STM32F479 Datasheet HTML 18Page - STMicroelectronics STM32F479 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
DocID029237 Rev 2
15/91
AN4861
Overview of LTDC controller and STM32 MCUs graphical portfolio
89
2
Overview of LTDC controller and STM32 MCUs
graphical portfolio
This section illustrates the LTDC controller benefits and summarizes the graphical portfolio
of the STM32 microcontrollers.
2.1
LCD-TFT display controller on STM32 MCUs
The LTDC on the STM32 microcontrollers is an on-chip LCD display controller that provides
up to 24-bit parallel digital RGB signals to interface with various display panels. The LTDC
can also drive other display technologies with parallel RGB interface like the AMOLED
displays. The LTDC allows interfacing with low-cost display panels which do not embed
neither a controller nor a graphic RAM.
2.2
LTDC availability and graphic portfolio across STM32
families
Table 3 summarizes the STM32 embedding an LTDC and details the corresponding
available graphic portfolio.
Table 3. STM32 MCUs embedding an LTDC and their available graphic portfolio
STM32 lines
FLASH
(bytes)
On
chip
SRAM
(bytes)
Quad-
SPI(1)
Max AHB
frequency
(MHz)(2)
Max FMC
SRAM
and
SDRAM
frequency
(MHz)
Max
pixel
clock
(MHz)
(3)
JPEG
codec
DMA2D
(4)
MIPI
-DSI
host
(5)
Graphic
libraries
STM32F429/
439
Up to
2 M
256 k
No
180
90
83
No
Yes
No
TouchGFX
Embedded
wizard
SEGGER
STemWin
STM32F469/
479
Up to
2 M
384 k
Yes
180
90
83
No
Yes
Yes
STM32F7x6
Up to
1 M
320 k
Yes
216
100
83
No
Yes
No
STM32F7x7
Up to
2 M
512 k
Yes
216
100
83
Yes
Yes
No
STM32F7x8/
STM32F7x9
Yes
216
100
83
Yes
Yes
Yes
1. The Quad-SPI interface allows interfacing with external memories in order to extend the size of the application. For more
details on STM32 MCUs QSPI interface refer to application note Quad-SPI (QSPI) interface on STM32 microcontrollers
(AN476).
2. LTDC fetches graphical data at AHB speed.
3. Maximum pixel clock value at IO level, refer to Table 10 and Table 11for maximum pixel clock at system level.
Pixel clock (LCD_CLK) form relevant STM32 datasheet.
4. Chrom-Art Accelerator®
5. The integrated MIPI-DSI controller allows easier PCB design with fewer pins, lower EMI (electromagnetic interference) and
lower power consumption. For more details on STM32's MIPI-DSI host refer to application note AN4860.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com