Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 7Page - STMicroelectronics STM32F479 Datasheet HTML 8Page - STMicroelectronics STM32F479 Datasheet HTML 9Page - STMicroelectronics STM32F479 Datasheet HTML 10Page - STMicroelectronics STM32F479 Datasheet HTML 11Page - STMicroelectronics STM32F479 Datasheet HTML 12Page - STMicroelectronics STM32F479 Datasheet HTML 13Page - STMicroelectronics STM32F479 Datasheet HTML 14Page - STMicroelectronics STM32F479 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
DocID029237 Rev 2
11/91
AN4861
Display and graphics overview
89
1.2
Display interface standards
The MIPI (mobile industry processor interface) Alliance is a global, collaborative
organization committed to define and promote interface specifications for mobile devices.
The MIPI Alliance develops new standards but also standardizes the existing display
interfaces:
MIPI display bus interface (MIPI-DBI)
The MIPI-DBI is one of the first display standards published by the MIPI Alliance to specify
the display interfaces. The three types of interfaces defined inside the MIPI-DBI are:
•
Type A: based on Motorola 6800 bus
•
Type B: based on Intel® 8080 bus
•
Type C: based on SPI protocol
The MIPI-DBI is used to interface with a display with an integrated graphic RAM (GRAM).
The pixel data is updated in the local GRAM of the display. Figure 5 illustrates a MIPI-DBI
type A or B display interfacing example.
Figure 5. MIPI-DBI type A or B interface
Figure 6 illustrates a MPI-DBI type C display interfacing example.
Figure 6. MIPI-DBI type C interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com