Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 86 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 86 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 82Page - STMicroelectronics STM32F479 Datasheet HTML 83Page - STMicroelectronics STM32F479 Datasheet HTML 84Page - STMicroelectronics STM32F479 Datasheet HTML 85Page - STMicroelectronics STM32F479 Datasheet HTML 86Page - STMicroelectronics STM32F479 Datasheet HTML 87Page - STMicroelectronics STM32F479 Datasheet HTML 88Page - STMicroelectronics STM32F479 Datasheet HTML 89Page - STMicroelectronics STM32F479 Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 91 page
background image
LTDC application examples
AN4861
86/91
DocID029237 Rev 2
Table 17. STM32 reference boards with embedding LTDC
and featuring an on-board LCD-TFT panel
Product
Board
TFT-LCD panel
Internal
SRAM
(Kbyte)
External
SDRAM
External
SRAM
QSPI
(MB)
Interface
Size
(Inch)
Reso-
lution
Color
depth
Touch
sensor
STM32
F429xx/
STM32
F439xx
32F429I
DISCOVERY
DPI
2.4
240 x
320
RGB666 Resistive
256
16-bit
NA
NA
STM32439I-
EVAL2
DPI
5.7
640 x
480
RGB666 Capacitive
32-bit
16-bit
NA
STM32429I-
EVAL1
DPI
4.3
480 x
272
RGB888 Resistive
STM32
F469xx/
STM32
F479xx
32F469IDISC
OVERY
MIPI-DSI
4
800 x
480
RGB888 Capacitive
384
32-bit
NA
16
STM32469I-
EVAL(1)
MIPI-DSI
4
800 x
480
RGB888 Capacitive
32-bit
16-bit
64
STM32
F7x6 line
32F746GDIS
COVERY
DPI
4.3
480 x
272
RGB888 Capacitive
320
16-bit
NA
16
STM32746G-
EVAL
DPI
5.7
640 x
480
RGB666 Capacitive
32-bit
16-bit
64
DPI
4.3
480 x
272
RGB888 Resistive
STM32
F7x9
line(1)
STM32F769I-
DISCO(2)
MIPI-DSI
4
800x4
80
RGB888 Capacitive
512
32-Bit
NA
64
STM32F779I-
EVAL
STM32F769I-
EVAL
MIPI-DSI
4
800x4
80
RGB888 Capacitive
32-Bit
16-Bit
64
1. An available board B-LCDAD-HDMI1 (that can be purchased separately), allows to convert DSI into HDMI format to
connect HDMI consumer displays.
A DSI to LCD adapter board B-LCDAD-RPI1 (that can be purchased separately) provides a flexible connector from the
microcontroller motherboard to the standard display connector (TE 1-1734248).
2. Another discovery board is available STM32F769I-DISC1 but with no embedded display, the display can be purchased
separately as B-LCD40-DSI1ordering code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com