Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 51 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 47Page - STMicroelectronics STM32F479 Datasheet HTML 48Page - STMicroelectronics STM32F479 Datasheet HTML 49Page - STMicroelectronics STM32F479 Datasheet HTML 50Page - STMicroelectronics STM32F479 Datasheet HTML 51Page - STMicroelectronics STM32F479 Datasheet HTML 52Page - STMicroelectronics STM32F479 Datasheet HTML 53Page - STMicroelectronics STM32F479 Datasheet HTML 54Page - STMicroelectronics STM32F479 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 91 page
background image
DocID029237 Rev 2
51/91
AN4861
Creating a graphical application with LTDC
89
Figure 29. FMC SDRAM and NOR/PSRAM memory swap at default
system memory map (MPU disabled)
MPU and Cache policy configuration
The use of Cortex®-M7 cache allows to boost system and graphic performances. This
performance gain is especially seen when CPU is accessing external memories such as
SDRAM or Quad-SPI.
In a graphical application, when the CPU is used for framebuffer processing, it is
recommended to use the cache especially if the framebuffer is located in an external
memory like SDRAM or SRAM. In that case user should consider the following points when
using the cache:
•
MPU memory region cacheability
As previously illustrated in Figure 29, in the default system memory region MPU
attributes, some system memory regions are normal cacheable while others are device
non-cacheable.
When the CPU is used for framebuffer processing, the user should change the
framebuffer region MPU attribute to normal cacheable (or do an FMC swap, see
Figure 29).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com