Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 54 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 50Page - STMicroelectronics STM32F479 Datasheet HTML 51Page - STMicroelectronics STM32F479 Datasheet HTML 52Page - STMicroelectronics STM32F479 Datasheet HTML 53Page - STMicroelectronics STM32F479 Datasheet HTML 54Page - STMicroelectronics STM32F479 Datasheet HTML 55Page - STMicroelectronics STM32F479 Datasheet HTML 56Page - STMicroelectronics STM32F479 Datasheet HTML 57Page - STMicroelectronics STM32F479 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 91 page
background image
Creating a graphical application with LTDC
AN4861
54/91
DocID029237 Rev 2
GPIOs configuration using STM32CubeMX tool
To connect a display panel to an STM32 MCU, the user should configure the GPIOs to be
used for interfacing.
Using the STM32CubeMX tool is a very simple, easy and rapid way to configure the LTDC
peripheral and its GPIOs since it allows to generate a project with a preconfigured LTDC.
Section Section 6.2.3: LTDC GPIOs configuration provides a guide on how to configure the
LTDC GPIOs.
Configuration of specific pins of a display module
Some display modules may need other signals to be fully functional. The user can use
GPIOs and some peripherals to control these signals.
An example of using GPIOs to control the display enable pin (LCD_DISP) on a display
panel is described in section Section 6.2.3: LTDC GPIOs configuration.
Enabling LTDC interrupts
To be able to use the LTDC interrupts, the user should enable the LTDC global interrupts on
the NVIC side. Then, each interrupt is enabled separately by enabling its corresponding
enable bit. The LTDC interrupt-enable bits are available in the LTDC_IER register described
in Table 7: LTDC interrupts summary.
Note:
The FIFO underrun and transfer error interrupts are enabled in the hal_ltdc driver
HAL_LTDC_Init() function
An example of enabling LTDC interrupts using STM32CubeMX is described in
Section 6.2.3: LTDC GPIOs configuration.
4.7.2
LTDC clocks and timings configuration
This section describes the steps needed to configure the LTDC clock and timings respecting
the display specifications. It also provides a configuration example for the ROCKTECH
(RK043FN48H) display embedded on the STM32F746G-DISCO board.
System clock configuration
It is recommended to use the highest system clock to get the best graphic performances.
This recommendation applies also for the external memory framebuffer. So if an external
memory is used for the framebuffer, the highest allowed clock speed should be used to get
the best memory bandwidth.
For instance for the STM32F4x9 microcontrollers the maximum system speed is 180 MHz,
so if an external SDRAM is connected to the FMC the maximum SDRAM clock is 90 MHz
(HCLK/2).
For the STM32F7 Series, the maximum system speed is 216 MHz but with this speed and
HCLK/2 prescaler the SDRAM speed exceeds the maximum allowed speed (see product”s
datasheet for more details). So to get the maximum SDRAM, it is recommended to
configure HCLK to 200 MHz, then the SDRAM speed is set to 100 MHz.
The clock configuration providing the highest performances is:
•
STM32F4x9 devices: HCLK @ 180 MHz and SDRAM @ 90 MHz.
•
STM32F7 Series: HCLK @ 200 MHz and SDRAM @ 100 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com