Electronic Components Datasheet Search
  English  ▼

X  

STM32F479 Datasheet(PDF) 72 Page - STMicroelectronics

Part # STM32F479
Description  LCD-TFT display controller (LTDC) on STM32 MCUs
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F479 Datasheet(HTML) 72 Page - STMicroelectronics

Back Button STM32F479 Datasheet HTML 68Page - STMicroelectronics STM32F479 Datasheet HTML 69Page - STMicroelectronics STM32F479 Datasheet HTML 70Page - STMicroelectronics STM32F479 Datasheet HTML 71Page - STMicroelectronics STM32F479 Datasheet HTML 72Page - STMicroelectronics STM32F479 Datasheet HTML 73Page - STMicroelectronics STM32F479 Datasheet HTML 74Page - STMicroelectronics STM32F479 Datasheet HTML 75Page - STMicroelectronics STM32F479 Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 91 page
background image
LTDC application examples
AN4861
72/91
DocID029237 Rev 2
LTDC Clocks and timings configuration
System clock configuration
In this example the system clock is configured as shown in Figure 44, and with below
configuration:
–
Use of internal HSI RC where main PLL is used as system source clock.
–
HCLK @ 200 MHz so Cortex®-M7 and LTDC are both running @ 200 MHz.
Note:
HCLK is set to 200 MHz but not 216 MHz, this is to set the SDRAM_FMC at its maximum
speed of 100 MHz with HCLK/2 prescaler.
In order to configure the system clock using STM32CubeMX, select the clock
configuration tab as shown in Figure 43.
Figure 43. STM32CubeMX: clock configuration tab
Then, to get the system clock HCLK @ 200 MHz, set the PLLs and the prescalers in
the clock configuration tab as shown in the Figure 44.
Figure 44. STM32CubeMX: System clock configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com