Electronic Components Datasheet Search
  English  ▼

X  

AM386SX Datasheet(PDF) 18 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 18 Page - Advanced Micro Devices

Back Button AM386SX Datasheet HTML 14Page - Advanced Micro Devices AM386SX Datasheet HTML 15Page - Advanced Micro Devices AM386SX Datasheet HTML 16Page - Advanced Micro Devices AM386SX Datasheet HTML 17Page - Advanced Micro Devices AM386SX Datasheet HTML 18Page - Advanced Micro Devices AM386SX Datasheet HTML 19Page - Advanced Micro Devices AM386SX Datasheet HTML 20Page - Advanced Micro Devices AM386SX Datasheet HTML 21Page - Advanced Micro Devices AM386SX Datasheet HTML 22Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
18
Am386SX/SXL/SXLV Microprocessors Data Sheet
FINAL
16305C–004
t1
t2
t5
VIHC
2.0 V
0.8 V
CLK2
t3
t4
Figure 3. CLK2 Timing (Am386SXLV 25 MHz)
15022B-031
t1
t2b
t5
VCC – 0.8 V
2.0 V
0.8 V
CLK2
t3b
t4
Figure 4. CLK2 Timing (Am386SX/SXL 25 and 33 MHz)
t3a
t2a
15022B-031a
t1
t2
t5
2.0 V
0.8 V
CLK2
t3
t4
Figure 5. CLK2 Timing (Am386SX 40 MHz)
VCC – 0.8 V
Am386SX/SXL/SXLV CPU Output
CL
15022B–032
Figure 6. AC Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com