Electronic Components Datasheet Search
  English  ▼

X  

AM386SX Datasheet(PDF) 16 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 16 Page - Advanced Micro Devices

Back Button AM386SX Datasheet HTML 12Page - Advanced Micro Devices AM386SX Datasheet HTML 13Page - Advanced Micro Devices AM386SX Datasheet HTML 14Page - Advanced Micro Devices AM386SX Datasheet HTML 15Page - Advanced Micro Devices AM386SX Datasheet HTML 16Page - Advanced Micro Devices AM386SX Datasheet HTML 17Page - Advanced Micro Devices AM386SX Datasheet HTML 18Page - Advanced Micro Devices AM386SX Datasheet HTML 19Page - Advanced Micro Devices AM386SX Datasheet HTML 20Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
16
Am386SX/SXL/SXLV Microprocessors Data Sheet
FINAL
SWITCHING CHARACTERISTICS over COMMERCIAL operating ranges at 33 MHz
VCC = 5.0 V ± 10%; TCASE = 0°C to +100°C
Symbol
Parameter Description
Notes
Ref.
Figures
Final
Unit
Min
Max
Operating Frequency: Am386SX CPU
Am386SXL CPU
Half CLK2 freq.
Half CLK2 freq.
2
0
33
33
MHz
1
CLK2 Period
415
ns
2a
CLK2 High Time
at 2 V
4
6.25
ns
2b
CLK2 High Time
at 3.7 V
4
4
ns
3a
CLK2 Low Time
at 2 V
4
6.25
ns
3b
CLK2 Low Time
at 0.8 V
4
4.5
ns
4
CLK2 Fall Time
3.7 V to 0.8 V
(Note 3)
4
4
ns
5
CLK2 Rise Time
0.8 V to 3.7 V
(Note 3)
4
4
ns
6
A23–A1 Valid Delay
CL = 50 pF
8
4
15
ns
7
A23–A1 Float Delay
(Note 1)
15
4
20
ns
8BHE, BLE, LOCK Valid Delay
CL = 50 pF
8
4
15
ns
9BHE, BLE, LOCK Float Delay
(Note 1)
15
4
20
ns
10
M/IO, D/C, W/R, ADS Valid Delay
CL = 50 pF
8
4
15
ns
11
W/R, M/IO, D/C, ADS Float Delay
(Note 1)
15
4
20
ns
12
D15–D0 Write Data Valid Delay
CL = 50 pF
8
7
23
ns
12a
D15–D0 Write Data Hold Time
CL = 50 pF
10
2
ns
13
D15–D0 Write Data Float Delay
(Note 1)
15
4
17
ns
14
HLDA Valid Delay
CL = 50 pF
8
4
20
ns
14f
HLDA Float Delay
15
4
20
ns
15
NA Setup Time
75
ns
16
NA Hold Time
72
ns
19
READY Setup Time
7
7
ns
20
READY Hold Time
7
4
ns
21
D15–D0 Read Data Setup Time
7
5
ns
22
D15–D0 Read Data Hold Time
7
3
ns
23
HOLD Setup Time
7
9
ns
24
HOLD Hold Time
7
2
ns
25
RESET Setup Time
17
5
ns
26
RESET Hold Time
17
2
ns
27
NMI, INTR Setup Time
(Note 2)
7
5
ns
28
NMI, INTR Hold Time
(Note 2)
7
5
ns
29
PEREQ, ERROR, BUSY Setup Time
(Note 2)
7
5
ns
30
PEREQ, ERROR, BUSY Hold Time
(Note 2)
7
4
ns
Notes:
1. Float condition occurs when maximum output current becomes less than ILO in magnitude. Float delay is not 100% tested.
2. These inputs are allowed to be asynchronous to CLK2. The setup and hold specifications are given for testing purposes, to
assure recognition within a specific CLK2 period.
3. Rise and Fall times are not tested. They are guaranteed by design characterization.
4. Min time is not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com