Electronic Components Datasheet Search
  English  ▼

X  

AM386SX Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM386SX Datasheet HTML 1Page - Advanced Micro Devices AM386SX Datasheet HTML 2Page - Advanced Micro Devices AM386SX Datasheet HTML 3Page - Advanced Micro Devices AM386SX Datasheet HTML 4Page - Advanced Micro Devices AM386SX Datasheet HTML 5Page - Advanced Micro Devices AM386SX Datasheet HTML 6Page - Advanced Micro Devices AM386SX Datasheet HTML 7Page - Advanced Micro Devices AM386SX Datasheet HTML 8Page - Advanced Micro Devices AM386SX Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2
Am386SX/SXL/SXLV Microprocessors Data Sheet
FINAL
ORDERING INFORMATION
Standard Products
AMD standard products are available in several packages and operating ranges. The order number (Valid Combination) is
formed by a combination of the elements below.
NG
SX
SPEED OPTION
PROCESSOR TYPE
SX
= SX Processor
SXL
= SX Processor with Static Clock Implementation
SXLV = SXL Processor with Low-Voltage and SMI
TEMPERATURE RANGE
NG=100-Lead Plastic Quad Flat Pack (PQB-100)
PROCESSOR FAMILY
PACKAGE TYPE
Am386 Family
–40 = 40 MHz
–33 = 33 MHz
–25 = 25 MHz
80386
Blank = Commercial (TCASE = 0°C to +100°C)
I = Industrial (TCASE = –40°C to +100°C)
I
–40
Valid Combinations
Valid Combinations lists configurations
planned to be supported in volume for this
device. Consult the local AMD sales office
to confirm availability of specific valid
combinations and to check on newly
released combinations.
Valid Combinations
NG80386 SX
–25
–33
–40
SXL
–25
–33
SXLV
–25
ING80386 SX
–25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com