Electronic Components Datasheet Search
  English  ▼

X  

AM386SX Datasheet(PDF) 30 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 30 Page - Advanced Micro Devices

Back Button AM386SX Datasheet HTML 22Page - Advanced Micro Devices AM386SX Datasheet HTML 23Page - Advanced Micro Devices AM386SX Datasheet HTML 24Page - Advanced Micro Devices AM386SX Datasheet HTML 25Page - Advanced Micro Devices AM386SX Datasheet HTML 26Page - Advanced Micro Devices AM386SX Datasheet HTML 27Page - Advanced Micro Devices AM386SX Datasheet HTML 28Page - Advanced Micro Devices AM386SX Datasheet HTML 29Page - Advanced Micro Devices AM386SX Datasheet HTML 30Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
30
Am386SX/SXL/SXLV Microprocessors Data Sheet
FINAL
PHYSICAL DIMENSIONS
PQB 100 (Plastic Quad Flat Pack, Trimmed and Formed)
Trademarks
AMD, the AMD logo, and combinations thereof are trademarks of Advanced Micro Devices, Inc.
Am386 is a registered trademark; and E86 is a trademark of Advanced Micro Devices, Inc.
Product names used in this publication are for identification purposes only and may be trademarks of their respective companies.
Pin 100
Pin 75
Pin 50
Pin 1 I.D.
16-038-PQB
PQB100
DB90
3-6-97 lv
TOP VIEW
0.897
0.903
0.747
0.753
0.875
0.885
0.897
0.903
0.008
0.012
Pin 25
0.875
0.885
0.747
0.753
0.025 BASIC
0.160
0.180
0.60 REF
BOTTOM VIEW
0.130
0.150
0.020
0.040
SEATING
PLANE
END VIEW
0
°≤0≤8°
GAGE PLANE
0.065 REF
7
° TYP.
0
° MIN
0.045 X45
° CHAMFER
0.015
0.008
R
0.010 MIN
FLAT SHOULDER
0.036
0.046
7
° TYP.
0.010



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com