Electronic Components Datasheet Search
  English  ▼

X  

AM386SX Datasheet(PDF) 5 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 5 Page - Advanced Micro Devices

  AM386SX Datasheet HTML 1Page - Advanced Micro Devices AM386SX Datasheet HTML 2Page - Advanced Micro Devices AM386SX Datasheet HTML 3Page - Advanced Micro Devices AM386SX Datasheet HTML 4Page - Advanced Micro Devices AM386SX Datasheet HTML 5Page - Advanced Micro Devices AM386SX Datasheet HTML 6Page - Advanced Micro Devices AM386SX Datasheet HTML 7Page - Advanced Micro Devices AM386SX Datasheet HTML 8Page - Advanced Micro Devices AM386SX Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
FINAL
Am386SX/SXL/SXLV Microprocessors Data Sheet
5
Description of SMM Operation
(Am386SXLV Only)
The execution of a System Management Interrupt has
four distinct phases: the initiation of the interrupt via
SMI, a processor state save, execution of the SMM in-
terrupt code, and a processor state restore (to resume
normal operation).
Interrupt Initiation
A System Management Interrupt is initiated by the driv-
ing of a synchronous, active Low pulse on the SMI pin
until the first SMIADS is asserted. This pulse period will
ensure recognition of the interrupt. The CPU drives the
SMI pin active after the completion of the current oper-
ation (active bus cycle, instruction execution, or both).
The active drive of the pin by the CPU is released at the
end of the interrupt routine following the last register
read of the saved state. The CPU drives SMI High for
two CLK2 cycles prior to releasing the drive of SMI.
An SMI cannot be masked off by the CPU, and it will al-
ways be recognized by the CPU, regardless of operat-
ing modes. This includes the Real, Protected, and Vir-
tual-8086 modes of the processor.
While the CPU is in SMM, a bus hold request via the
HOLD pin is granted. The HLDA pin goes active after
bus release and the SMIADS pin floats along with the
other pins that normally float during a bus hold cycle.
SMI does not float during a Bus Hold cycle.
Processor State Save
The first set of SMM bus transfer cycles after the CPU’s
recognition of an active SMI is the processor saving its
state to an external RAM array in a separate address
space from main system memory. This is accom-
plished by using the SMIADS and SMIRDY pins for ini-
tiation and termination of bus cycles, instead of the
ADS and READY pins. The 24-bit addresses to which
the CPU saves its state are 60000h–600CBh and
60100h–60127h. These are fixed address locations for
each register saved.
To ensure valid operation, pipelining must be disabled
while the processor is in SMM. There are 114 data
transfer cycles.
SMI Code Execution
After the processor state is saved to the separate SMM
memory space, the execution of the SMM interrupt rou-
tine code begins. The processor enters Real mode,
sets most of the register values to “reset” values (those
values normally seen after a CPU reset), and begins
fetching code from address FFFFF0h in the separate
SMM memory space. Normally, the first thing the inter-
rupt routine code does is a FAR JUMP to the Real
mode entry point for the SMM interrupt routine, which
is also in SMM memory space.
Both INTR and NMI are disabled upon entry into SMM.
The SMM code can be located anywhere within the
1-Mbyte Real mode address space, except for where
the processor state is saved. I/O cycles, as a result of
the IN, OUT, INS, and OUTS instructions, will go to the
normal address space, utilizing the normal ADS and
READY bus interface signals. This facilitates power
management code manipulating system hardware reg-
isters as needed through the standard I/O subsystem;
a separate I/O space is not implemented.
Processor State Restore
(Resuming Normal Execution)
Returning to normal code execution in the main system
memory, including restoring the processor operating
mode, is accomplished by executing a special code se-
quence. This code invokes a restore CPU state opera-
tion that reloads the CPU registers from the saved data
in the RAM controlled by SMIADS and SMIRDY.
The ES:EDI register pair must point to the physical ad-
dress of the processor save state (6000h). In Real
mode the address is calculated as ES•16 + EDI offset.
The saved state should not cross a 64K boundary. The
RES3 instruction (0F 07) should be executed to start
the restore state operation. After completion of the re-
store state operation, the SMI pin will be deactivated by
the CPU and normal code execution will continue at the
point where it left off before the SMI occurred. There
are 114 data transfer cycles in the restore operation.
Software Features (Am386SXLV Only)
Several features of the SMI function provide support for
special operations during the execution of the system’s
software. These features involve the execution of re-
served opcodes to induce specific SMI-related opera-
tions.
Software SMI Generation
Besides hardware initiation of the SMI via the SMI pin,
there is also a software-induced SMI mechanism. Gen-
erating a soft SMI involves setting a control bit (Bit 12)
in the Debug Control Register (DR7) and executing an
SMI instruction (opcode F1h).
The functional sequence of the software-based SMI is
identical to the hardware-based SMI with the exception
that the SMI pin is not initially driven active by an exter-
nal source. Upon execution of a soft SMI opcode, the
SMI pin is driven active (Low) by the processor before
the save state operation begins.
Memory Transfers to Main System Memory
While executing an SMI routine, the interrupt code can
initiate memory data reads and writes to the main sys-
tem memory using the normal ADS and READY pins.
This initiation is accomplished by using reserved op-
codes that are special forms of the MOV instruction
(called UMOV). The UMOV opcodes can move byte,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com