Electronic Components Datasheet Search
  English  ▼

X  

AM386SX Datasheet(PDF) 12 Page - Advanced Micro Devices

Part # AM386SX
Description  High-Performance, Low-Power, Embedded Microprocessors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM386SX Datasheet(HTML) 12 Page - Advanced Micro Devices

Back Button AM386SX Datasheet HTML 8Page - Advanced Micro Devices AM386SX Datasheet HTML 9Page - Advanced Micro Devices AM386SX Datasheet HTML 10Page - Advanced Micro Devices AM386SX Datasheet HTML 11Page - Advanced Micro Devices AM386SX Datasheet HTML 12Page - Advanced Micro Devices AM386SX Datasheet HTML 13Page - Advanced Micro Devices AM386SX Datasheet HTML 14Page - Advanced Micro Devices AM386SX Datasheet HTML 15Page - Advanced Micro Devices AM386SX Datasheet HTML 16Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
12
Am386SX/SXL/SXLV Microprocessors Data Sheet
FINAL
ABSOLUTE MAXIMUM RATINGS
Storage Temperature ....................... –65
°C to +150°C
Ambient Temperature Under Bias .... –65
°C to +125°C
Stresses above those listed may cause permanent
damage to the device. Functionality at or above these
limits is not implied. Exposure to ABSOLUTE MAXI-
MUM RATING conditions for extended periods may af-
fect device reliability.
OPERATING RANGES
Supply Voltage with respect to Vss..... –0.5 V to +7.0 V
Voltage on Other Pins................ –0.5 V to (Vcc +0.5) V
Operating ranges define those limits between which
the functionality of the device is guaranteed.
DC CHARACTERISTICS over COMMERCIAL operating ranges for 25 MHz Am386SXLV
Vcc=3.0 V to 3.6 V; TCASE=0°C to +100°C
VIH
Input High Voltage
2.0
VCC+0.3
V
VIL
Input Low Voltage
(Note 1)
–0.3
+0.8
V
CCLK
CLK2 Capacitance
FC = 1 MHz (Note 4)
20
pF
COUT
Output Capacitance
FC = 1 MHz (Note 4)
12
pF
CIN
Input or I/O Capacitance
FC = 1 MHz (Note 4)
10
pF
ICCSB
Standby Current (Note 8)
ICCSB Typ = 10µA150
µA
VOH
Output High Voltage
IOH = 0.1 mA: A23–A1, D15–D0
(Note 5)
VCC–0.2
V
IOH = 0.1 mA: BHE, BLE, W/R, D/C, SMIADS,
(Note 6)
VCC–0.2
V
LOCK, ADS, M/IO, HLDA, SMI
IOH = 0.5 mA: A23–A1, D15–D0
VCC–0.45
V
IOH = 0.5 mA: BHE, BLE, W/R, D/C, SMIADS,VCC–0.45
V
LOCK, ADS, M/IO, HLDA, SMI
ILI
Input Leakage Current (All pins except
0 V
≤ V
IN ≤ VCC
PEREQ, BUSY, ERROR, SMI, SMIRDY,
(Note 7)
±10
µA
FLT, IIBEN)
VOL
Output Low Voltage
IOL = 0.5 mA: A23–A1, D15–D0
(Note 5)
0.2
V
IOL = 0.5 mA: BHE, BLE, W/R, D/C, SMIADS,0.2
V
M/IO, LOCK, ADS, HLDA, SMI
IOL = 2 mA:
A23–A1, D15–D0
0.45
V
IOL = 2.5 mA: BHE, BLE, W/R, D/C, SMIADS,0.45
V
LOCK, ADS, M/IO, HLDA, SMI
Symbol
Parameter Description
Notes
Min
Max
Unit
VILC
CLK2 Input Low Voltage
(Note 1)
–0.3
+0.8
V
VIHC
CLK2 Input High Voltage
2.4
VCC+0.3
V
IIH
Input Leakage Current
VIH = VCC–0.1 V
300
µA
(PEREQ pin)
VIH = 2.4 V (Note 2)
200
µA
IIL
Input Leakage Current
VIL = 0.1 V
–300
µA
(BUSY, ERROR, SMI, SMIRDY, FLT, IIBEN)
VIL = 0.45 V (Note 3)
–200
µA
ILO
Output Leakage Current
0.1 V
≤ V
OUT ≤ VCC
+15
µA
ICC
Supply Current (Note 8)
VCC
= 3.3 V
VCC = 3.6 V
CLK2 = 50 MHz: Oper. Freq. 25 MHz
ICC Typ = 95
115
mA
Final
Notes:
1.
The Min value, –0.3, is not 100% tested.
2.
PEREQ input has an internal pull-down resistor.
3.
BUSY, ERROR , FLT, SMI, IIBEN, and SMIRDY inputs each have an internal pull-up resistor.
4.
Not 100% tested.
5.
Outputs are CMOS and will pull rail-to-rail if the load is not resistive.
6.
VOH SMI only valid on SMI output when exiting SMM for two CLK2 periods.
7.
SMI and IIBEN leakage Low will be ILI when pull-up is inactive and IIL when pull-up is active.
8.
Inputs at rails (VCC or VSS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com