Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 2 Page - NXP Semiconductors

  SLRC400 Datasheet HTML 1Page - NXP Semiconductors SLRC400 Datasheet HTML 2Page - NXP Semiconductors SLRC400 Datasheet HTML 3Page - NXP Semiconductors SLRC400 Datasheet HTML 4Page - NXP Semiconductors SLRC400 Datasheet HTML 5Page - NXP Semiconductors SLRC400 Datasheet HTML 6Page - NXP Semiconductors SLRC400 Datasheet HTML 7Page - NXP Semiconductors SLRC400 Datasheet HTML 8Page - NXP Semiconductors SLRC400 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
2 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
Software controlled Power-down mode
Programmable timer
Unique serial number
User programmable start-up configuration
Bit-oriented and byte oriented framing
Independent power supply pins for analog, digital and transmitter modules
Internal oscillator buffer optimized for low phase jitter enables 13.56 MHz quartz
connection
Clock frequency filtering
3.3 V operation for transmitter (antenna driver) in short range and proximity
applications
4. Applications
Electronic payment systems
Identification systems
Access control systems
Subscriber services
Banking systems
Digital content systems
5. Ordering information
Table 1.
Ordering information
Type number
Package
Name
Description
Version
SLRC40001T/0FE
SO32
plastic small outline package; 32 leads; body width 7.5 mm
SOT287-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com