Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 7Page - NXP Semiconductors SLRC400 Datasheet HTML 8Page - NXP Semiconductors SLRC400 Datasheet HTML 9Page - NXP Semiconductors SLRC400 Datasheet HTML 10Page - NXP Semiconductors SLRC400 Datasheet HTML 11Page - NXP Semiconductors SLRC400 Datasheet HTML 12Page - NXP Semiconductors SLRC400 Datasheet HTML 13Page - NXP Semiconductors SLRC400 Datasheet HTML 14Page - NXP Semiconductors SLRC400 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
11 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
Table 10.
Shipment content of StartUp register initialization file
EEPROM
byte
address
Register
address
Value
Symbol
Description
10h
10h
00h
Page
free for user
11h
11h
58h
TxControl
transmitter pins TX1 and TX2 are switched off, bridge driver
configuration, modulator driven from internal digital circuitry
12h
12h
3Fh
CwConductance
source resistance of TX1 and TX2 is set to minimum
13h
13h
05h
ModGsCfg
source resistance of TX1 and TX2 at modulation to determine the
modulation index
14h
14h
2Ch
CoderControl
selects the bit coding mode and framing during transmission
15h
15h
3Fh
ModWidth
pulse width for used code (1 out of 256 RZ or 1 out of 4); pulse
coding is set to standard configuration
16h
16h
3Fh
ModWidthSOF
pulse width of Start Of Frame (SOF)
17h
17h
00h
PreSet17
-
18h
18h
00h
Page
free for user
19h
19h
8Bh
RxControl1
internal amplifier gain is maximum
1Ah
1Ah
00h
DecoderControl
bit-collisions always evaluate to HIGH in the data bit stream
1Bh
1Bh
54h
BitPhase
BitPhase[7:0] is set to standard configuration
1Ch
1Ch
68h
RxThreshold
MinLevel[3:0] and CollLevel[3:0] are set to maximum
1Dh
1Dh
00h
PreSet1D
-
1Eh
1Eh
41h
RxControl2
use Q-clock for the receiver, automatic receiver off is switched on,
decoder is driven from internal analog circuitry
1Fh
1Fh
00h
ClockQControl
automatic Q-clock calibration is switched on
20h
20h
00h
Page
free for user
21h
21h
08h
RxWait
frame guard time is set to eight bit-clocks
22h
22h
0Ch
ChannelRedundancy
channel redundancy is set in accordance with ICODE1
23h
23h
FEh
CRCPresetLSB
CRC preset value is set in accordance with ICODE1
24h
24h
FFh
CRCPresetMSB
CRC preset value is set in accordance with ICODE1
25h
25h
00h
PreSet25
-
26h
26h
00h
SIGOUTSelect
pin SIGOUT is set LOW
27h
27h
00h
PreSet27
-
28h
28h
00h
Page
free for user
29h
29h
3Eh
FIFOLevel
WaterLevel[5:0] FIFO buffer warning level is set to standard
configuration
2Ah
2Ah
0Bh
TimerClock
TPreScaler[4:0] is set to standard configuration, timer unit restart
function is switched off
2Bh
2Bh
02h
TimerControl
Timer is started at the end of transmission, stopped at the beginning
of reception
2Ch
2Ch
00h
TimerReload
TReloadValue[7:0]: the timer unit preset value is set to standard
configuration
2Dh
2Dh
02h
IRQPinConfig
pin IRQ is set to high-impedance
2Eh
2Eh
00h
PreSet2E
-
2Fh
2Fh
00h
PreSet2F
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com