Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 8Page - NXP Semiconductors SLRC400 Datasheet HTML 9Page - NXP Semiconductors SLRC400 Datasheet HTML 10Page - NXP Semiconductors SLRC400 Datasheet HTML 11Page - NXP Semiconductors SLRC400 Datasheet HTML 12Page - NXP Semiconductors SLRC400 Datasheet HTML 13Page - NXP Semiconductors SLRC400 Datasheet HTML 14Page - NXP Semiconductors SLRC400 Datasheet HTML 15Page - NXP Semiconductors SLRC400 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
12 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
8.2.2.3 Register initialization file (read/write)
The EEPROM memory content from block address 3 to 7 can initialize register sub
addresses 10h to 2Fh when the LoadConfig command is executed (see Section 10.4.1 on
page 75). This command requires the EEPROM starting byte address as a two byte
argument for the initialization procedure.
The byte assignment is shown in Table 11.
The register initialization file is large enough to hold values for two initialization sets and
up to one block (16-byte) of user data.
Remark: The register initialization file can be read/written by users and these bytes can
be used to store other user data.
8.3 FIFO buffer
An 8
64 bit FIFO buffer is used in the SLRC400 to act as a parallel-to-parallel converter.
It buffers both the input and output data streams between the microprocessor and the
internal circuitry of the SLRC400. This makes it possible to manage data streams up to 64
bytes long without needing to take timing constraints into account.
8.3.1 Accessing the FIFO buffer
8.3.1.1 Access rules
The FIFO buffer input and output data bus is connected to the FIFOData register. Writing
to this register stores one byte in the FIFO buffer and increments the FIFO buffer write
pointer. Reading from this register shows the FIFO buffer contents stored at the FIFO
buffer read pointer and increments the FIFO buffer read pointer. The distance between the
write and read pointer can be obtained by reading the FIFOLength register.
When the microprocessor starts a command, the SLRC400 can still access the FIFO
buffer while the command is running. Only one FIFO buffer has been implemented which
is used for input and output. Therefore, the microprocessor must ensure that there are no
inadvertent FIFO buffer accesses. Table 12 gives an overview of FIFO buffer access
during command processing.
Table 11.
Byte assignment for register initialization at StartUp
EEPROM byte address
Register address
Remark
EEPROM starting byte address
10h
skipped
EEPROM + 1 starting byte address
11h
copied
……
EEPROM + 31 starting byte address
2Fh
copied
Table 12.
FIFO buffer access
Active
command
FIFO buffer
Remark
P Write
P Read
StartUp
-
-
Idle
-
-
Transmit
yes
-
Receive
-
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com