Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 80 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 76Page - NXP Semiconductors SLRC400 Datasheet HTML 77Page - NXP Semiconductors SLRC400 Datasheet HTML 78Page - NXP Semiconductors SLRC400 Datasheet HTML 79Page - NXP Semiconductors SLRC400 Datasheet HTML 80Page - NXP Semiconductors SLRC400 Datasheet HTML 81Page - NXP Semiconductors SLRC400 Datasheet HTML 82Page - NXP Semiconductors SLRC400 Datasheet HTML 83Page - NXP Semiconductors SLRC400 Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
80 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
12.4 AC electrical characteristics
12.4.1 Separate read/write strobe bus timing
Table 146. Antenna driver output pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage VDD(TVDD) = 5.0 V; IOL = 20 mA
-
4.97
-
V
VDD(TVDD) = 5.0 V; IOL = 100 mA
-
4.85
-
V
VOL
LOW-level output voltage VDD(TVDD) = 5.0 V; IOL = 20 mA
-
30
-
mV
VDD(TVDD) = 5.0 V; IOL = 100 mA
-
150
-
mV
IO
output current
transmitter; continuous wave; peak-to-peak
-
-
200
mA
Table 147. Separate read/write strobe timing specification
Symbol
Parameter
Conditions
Min
Typ Max Unit
tLHLL
ALE HIGH time
20
-
-
ns
tAVLL
address valid to ALE LOW time
15
-
-
ns
tLLAX
address hold after ALE LOW
time
8-
-
ns
tLLRWL
ALE LOW to read/write LOW
time
ALE LOW to NRD or
NWR LOW
15
--ns
tSLRWL
chip select LOW to read/write
LOW time
NCS LOW to NRD or
NWR LOW
0-
-
ns
tRWHSH
read/write HIGH to chip select
HIGH time
NRD or NWR HIGH to
NCS HIGH
0-
-
ns
tRLDV
read LOW to data input valid
time
NRD LOW to data valid
-
-
65
ns
tRHDZ
read HIGH to data input high
impedance time
NRD HIGH to data
high-impedance
--
20
ns
tWLQV
write LOW to data output valid
time
NWR LOW to data valid
-
-
35
ns
tWHDX
data output hold after write
HIGH time
data hold time after
NWR HIGH
8-
-
ns
tRWLRWH
read/write LOW time
NRD or NWR
65
-
-
ns
tAVRWL
address valid to read/write
LOW time
NRD or NWR LOW
(set-up time)
30
--ns
tWHAX
address hold after write HIGH
time
NWR HIGH (hold time)
8
-
-
ns
tRWHRWL
read/write HIGH time
150
-
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com