Electronic Components Datasheet Search
  English  ▼

X  

SLRC400 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # SLRC400
Description  ICODE reader IC
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SLRC400 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button SLRC400 Datasheet HTML 35Page - NXP Semiconductors SLRC400 Datasheet HTML 36Page - NXP Semiconductors SLRC400 Datasheet HTML 37Page - NXP Semiconductors SLRC400 Datasheet HTML 38Page - NXP Semiconductors SLRC400 Datasheet HTML 39Page - NXP Semiconductors SLRC400 Datasheet HTML 40Page - NXP Semiconductors SLRC400 Datasheet HTML 41Page - NXP Semiconductors SLRC400 Datasheet HTML 42Page - NXP Semiconductors SLRC400 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
SLRC400_33
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
PUBLIC
Rev. 3.3 — 23 March 2010
054333
39 of 101
NXP Semiconductors
SLRC400
ICODE reader IC
LoAlertIEn
InterruptEn
0
06h
LoAlertIRq
InterruptRq
0
07h
SIGOUTSelect[2:0]
SIGOUTSelect
2 to 0
26h
MinLevel[3:0]
RxThreshold
7 to 4
1Ch
ModemState[2:0]
PrimaryStatus
6 to 4
03h
ModulatorSource[1:0]
TxControl
6 to 5
11h
ModWidth[7:0]
ModWidth
7 to 0
15h
PageSelect[2:0]
Page
2 to 0
00h, 08h, 10h, 18h, 20h, 28h, 30h
and 38h
PowerDown
Control
4
09h
RcvClkSelI
RxControl2
7
1Eh
RxAutoPD
RxControl2
6
1Eh
RxCRCEn
ChannelRedundancy
3
22h
RxIEn
InterruptEn
3
06h
RxIRq
InterruptRq
3
07h
RxLastBits[2:0]
SecondaryStatus
2 to 0
05h
RxWait[7:0]
RxWait
7 to 0
21h
SetIEn
InterruptEn
7
06h
SetIRq
InterruptRq
7
07h
SignalToSIGOUT
TestDigiSelect
7
3Dh
StandBy
Control
5
09h
TAutoRestart
TimerClock
5
2Ah
TestAnaOutSel[4:0]
TestAnaSelect
3 to 0
3Ah
TestDigiSignalSel[6:0]
TestDigiSelect
6 to 0
3Dh
TimerIEn
InterruptEn
5
06h
TimerIRq
InterruptRq
5
07h
TimerValue[7:0]
TimerValue
7 to 0
0Ch
TPreScaler[4:0]
TimerClock
4 to 0
2Ah
TReloadValue[7:0]
TimerReload
7 to 0
2Ch
TRunning
SecondaryStatus
7
05h
TStartTxBegin
TimerControl
0
2Bh
TStartTxEnd
TimerControl
1
2Bh
TStartNow
Control
1
09h
TStopRxBegin
TimerControl
2
2Bh
TStopRxEnd
TimerControl
3
2Bh
TStopNow
Control
2
09h
TX1RFEn
TxControl
0
11h
TX2Cw
TxControl
2
11h
TX2Inv
TxControl
3
11h
TX2RFEn
TxControl
1
11h
TxCRCEn
ChannelRedundancy
2
22h
Table 32.
SLRC400 register flags overview
Flag(s)
Register
Bit
Address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com